PART |
Description |
Maker |
DL-3149-055 |
Index Guided AlGalnP Laser Diode
|
SANYO[Sanyo Semicon Device]
|
DL-3147-021 |
Index Guided AlGalnP Laser Diode
|
SANYO[Sanyo Semicon Device]
|
DL-3147-041 |
Index Guided AlGalnP Laser Diode 指数导AlGalnP激光二极管
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
DL-3148-023 |
LED Mount; Bulb Size:T-1; LED Color:High Efficiency Red; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes AlGalnP Laser Diode
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
LP379AYL1-C0G |
P4 AlGalnP Yellow Ultra Bright LED
|
MARKTECH[Marktech Corporate]
|
LS1-TRO1-01 |
AlGalnP Orange Side SMD LED
|
MARKTECH[Marktech Corporate]
|
SPLBG98 SPLBW81 SPLBS94 SPLBX83 SPLBX98 SPLBX94 SP |
Unmounted Laser Bar 40 W, 980 nm Unmounted Laser Bar 20 W, 808 nm Unmounted Laser Bar 100 W, qcw Unmounted Laser Bar 30 W, 830 nm Unmounted Laser Bar 30 W, 980 nm Unmounted Laser Bar 30 W, 940 nm Unmounted Laser Bar 30 W, 808 nm
|
Infineon
|
CL7128SQC160-15 CL7128SQC100-15 CL7128EQC160-12 CL |
Laser-Programmable Complex PLD 激光可编程复杂可编程逻辑器件 Laser processed logic device
|
Carling Technologies, Inc. CLEARLOGIC
|
ML725J16F ML7XX1602 ML725B16F ML720J16S |
MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
|
http:// MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ATR0842 |
4-channel LVDS Laser Diode Driver with High Voltage Output for Blue Laser
|
Atmel
|