PART |
Description |
Maker |
EGP30A- EGP30J EGP30A |
Fast Rectifiers (Glass Passivated) 3.0 Ampere Glass Passivated High Efficiency Rectifiers(平均整流电流3.0安培高效率玻璃钝化整流器)
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
15SMC68A 1.5SMC10A 1.5SMC100A 1.5SMC8.2A 1.5SMC6.8 |
TVS: Unidirectional Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(?荤┛?靛?9.1V,????荤???????????靛?????? UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压9.1V,单向玻璃钝化节点瞬变电压抑制 FLK 14/EZ-DR/1000 KONFEK Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压6.8V,单向玻璃钝化节点瞬变电压抑制 Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压8.2V,单向玻璃钝化节点瞬变电压抑制 UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 6.8 THRU 200 VOLTS
|
Taiwan Semiconductor Central Semiconductor, Corp. Central Semiconductor Corp. Central Semiconductor C...
|
GP10M GP10A GP10B GP10D GP10G GP10J GP10K |
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x9 mm; Packaging: Bulk Glass Passivated Junction Rectifiers 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
DGP30 CGP30 |
Clamper/Damper Glass, Passivated Rectifier, Forward Current 3.0A, Reverse Voltage 1400 to 1500V Clamper/Damper Glass Passivated Rectifier
|
VISAY[Vishay Siliconix]
|
MURS260-A |
Super Fast Recovery Pack: SMA SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE拢潞600V CURRENT拢潞 2.0A SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE?00V CURRENT 2.0A
|
Gulf Semiconductor
|
1G1-15 |
Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere Glass Passivated Junction Rectifiers
|
GOOD-ARK Electronics
|
GS2A GS2B GS2D GS2G GS2J GS2K GS2M |
Standard Recovery Pack: SMB SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 2.0A
|
Gulf Semiconductor
|
ES3A-ES3J ES3D ES3J ES3G ES3B |
Glass Superfast Recovery Rectifiers SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
|
HY ELECTRONIC CORP. http://
|
Z1SMA200 Z1SMA110 Z1SMA130 |
200 V, 5 mA, 1 W surface mounted glass passivated zener diode 110 V, 5 mA, 1 W surface mounted glass passivated zener diode 130 V, 5 mA, 1 W surface mounted glass passivated zener diode
|
Fagor
|
W10G W08G W005G W01G |
1.5 Ampere Glass Passivated Bridge Rectifiers 1.5 Ampere Glass Passivated Bridge Rectifiers(1.5 安培玻璃钝化高效率整流器(重复峰值反向电压:100V 1.5 Ampere Glass Passivated Bridge Rectifiers(1.5 安培玻璃钝化高效率整流器(重复峰值反向电压:800V 1.5 Ampere Glass Passivated Bridge Rectifiers(1.5 安培玻璃钝化高效率整流器(重复峰值反向电压:1000V
|
Fairchild Semiconductor Corporation
|