PART |
Description |
Maker |
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
MAX8211IPA MAX8212CTY/HR MAX8211CTY/HR MAX8211MJA/ |
Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, UUC5 Voltage Detector 电压检测器
|
Maxim Integrated Products, Inc.
|
MCP112T-300LB MCP112T-300E MCP112T-290E MCP112T-29 |
Micropower Voltage Detector 微功耗电压检测器 PC Board Connector; No. of Contacts:4; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PBT Polyester; Contact Material:Brass; Gender:Female; Series:41815 (MCP111 / MCP112) Micropower Voltage Detector
|
Microchip Technology, Inc. Microchip Technology Inc.
|
R3131N26EA5-TR R3131NXXXA R3130NXXXA R3130N36EA-TR |
Low Voltage Detector with built-in Delay Circuit Low Voltage Detector with built in Delay Circuit Low voltage detector with built-in delay circuit. Detector threshold 3.6V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 400ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 200ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR.
|
Ricoh
|
BD5323FVE-TR BD5323G-TR BD5240G-TR BD5242G-TR BD52 |
Free Delay Time Setting CMOS Voltage Detector IC Series Delay time controlled by extemal capacitor Free Delay Time Setting CMOS Voltage Detector IC Series Delay Time Controlled by external Capacitor, Two output types Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
|
Rohm
|
SS6729-4619CNTB SS6729-4619CNTR SS6729-4619CSTB SS |
400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
|
Silicon Standard Corp.
|
BU4844 BU4848 BU4843 BU4842 BU4846 BU4824 BU4822 B |
Low Voltage Standard CMOS Voltage Detector IC Series
|
ROHM
|
KIA7429F KIA7429P KIA7432P KIA7433F KECHOLDINGS-KI |
B>2.9V)) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压.2V)) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压.9V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压.9V至) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压2.9V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压2.9V至) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(电压检测器(用于各类CPU系统和有线逻辑系统的上电和瞬时掉电检复位信号发生电压3.3V)) 电压检测器电源开启和关闭系统的瞬时功率各级各类在CPU有线逻辑系统(电压检测器(用于各类CPU的系统和有线逻辑系统的上电和瞬时掉电检测,复位信号发生电压3.3伏) Voltage Detector For Power On And Instantaneous Power off In CPU System Of All Types And Wired Logic System(?靛?妫??????ㄤ???被CPU绯荤????绾块?杈?郴缁??涓??????舵??垫?娴?澶??淇″?????靛?锛?.3V))
|
KEC Holdings
|
MAX6754UKLD0-T MAX6755UKLD0-T MAX6756UKLD0-T MAX67 |
Vcc: 5.0 V, active timeout period: 0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 5.0 V, active timeout period: 100 ms-320 ms, low-power, single/dual-voltage window detector Vcc: 5.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 2.5 V, Vcc:1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, Vcc: 1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, Vcc:adj, active timeout period:185 ms, low-power single/dual-voltage window detector
|
MAXIM - Dallas Semiconductor
|
ME7044A |
Voltage Detector
|
N.A.
|
BD4924FVE BD4927FVE BD4932FVE BD4923FVE BD4925FVE |
Voltage Detector IC
|
ROHM[Rohm]
|