PART |
Description |
Maker |
AAT3221IJS-18-T1 AAT3221IJS-24-T1 AAT3221IJS-30-T1 |
150mA NanoPower??LDO Linear Regulator Hex Buffers / Drivers with Open-Collector High-Vltage Outputs 14-SO 0 to 70 150mA的NanoPower⑩LDO线性稳压器 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 POT 10K OHM SLIDE 100MM MONO FAD 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator 150MA NANOPOWER⒙ LDO LINEAR REGULATOR
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
ADP172ACBZ-1.2-R7 ADP172ACBZ-1.26-R7 ADP172ACBZ-1. |
300 mA, Low Quiescent Current, CMOS Linear Regulator
|
Analog Devices
|
A4407 |
The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
|
Allegro MicroSystems
|
NCP2860DMADJR2G |
300 mA Very Low Noise, Low Dropout Linear Regulator
|
ON Semiconductor
|
IRU1117-25CD IRUB1117-25 IRUB1117-25CD IRUB1117-25 |
800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 800mA的低压差型正,固2.5V的稳压器 0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp.
|
MAX1806EUA MAX1806 MAX1806EUA15 MAX1806EUA18 MAX18 |
500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in UMAX 500mA Low-Voltage Linear Regulator in UMAX From old datasheet system 3A Fixed Low Dropout Linear Regulator (LDO)
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
NCP4589DSN25T1G NCP4589DSN12T1G NCP4589DSN18T1G NC |
300 mA, Tri-Mode, LDO Linear Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO6
|
ON Semiconductor
|
IRU1117CS IRUB1117CD IRUB1117CS IRUB1117CY IRU1117 |
0.8A Adj LDO Linear Regulator in a SOIC 8-Lead package 0.8A Adj LDO Linear Regulator in a SOT-223 3-Leads package 800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 800mA的低压差型正,可调式稳压 RES 0805 3K60 0.1W 1% 150V 100PPM/C
|
Analog Integrations, Corp. IRF[International Rectifier]
|
NCP565D2T NCP565D2T12 NCP565 NCP565D2TR4G NCP565D2 |
1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5A Adjustable Low Dropout Linear Regulator with Fast Transient Response
|
ONSEMI[ON Semiconductor]
|
IRU1117-18CD IRU1117-18CDTR IRU1117-18CP IRU1117-1 |
0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier
|
IRU1010-18CD IRU1010-18CDTR IRU1010-18CP IRU1010-1 |
1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|