PART |
Description |
Maker |
CS220-8N CS220-8B CS220-8D CS220-8M CENTRALSEMICON |
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 600 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 400 V, SCR, TO-220AB Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
NTE5406 NTE5400 NTE5401 NTE5402 NTE5403 NTE5404 NT |
0.8 A, 200 V, SCR, TO-92 Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
|
NTE[NTE Electronics]
|
IZF1167-7F25 IZF1167-3F25 IZF1167-12F25 IZF1167-10 |
2390 A, 700 V, SCR 2390 A, 300 V, SCR 2390 A, 1200 V, SCR 2390 A, 1000 V, SCR 2390 A, 900 V, SCR 1470 A, 800 V, SCR 1950 A, 1000 V, SCR 1950 A, 1100 V, SCR 1370 A, 1400 V, SCR 1470 A, 500 V, SCR 2835 A, 1100 V, SCR 1370 A, 1200 V, SCR 1470 A, 200 V, SCR
|
ITT, Corp.
|
IRKHF200-02GPS20 IRKHF200-04CPS20 IRKHF200-02CPS20 |
314 A, 200 V, SCR 314 A, 400 V, SCR 282.6 A, 800 V, SCR 314 A, 800 V, SCR 282.6 A, 1200 V, SCR 282.6 A, 200 V, SCR 282.6 A, 600 V, SCR 282.6 A, 1000 V, SCR
|
Cooper Bussmann, Inc.
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CD430840 CD431240 CD431640 CD4340 |
POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts 63 A, 1200 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
CD620815A CD670815A CD621415A CD671415A CD621615A |
POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts 250 A, 1400 V, SCR
|
Powerex Power Semiconductor... Powerex, Inc. Powerex Powers POWEREX[Powerex Power Semiconductors] POWEREX INC
|
CS218I-30PBLEADFREE CS218I-30BLEADFREE CS218I-30DL |
30 A, 1200 V, SCR, TO-218 30 A, 200 V, SCR, TO-218 30 A, 400 V, SCR, TO-218 30 A, 600 V, SCR, TO-218 30 A, 1000 V, SCR, TO-218 35 A, 1200 V, SCR, TO-218 35 A, 1200 V, SCR, TO-48
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
CD621015B CD620815B CD621215B CD621415B CD6215B CD |
Dual SCR/Diode Isolated Module Dual SCR/Diode Isolated Module 150 Amperes / Up to 1800 Volts
|
Powerex Power Semicondu...
|
2P1M-YB 2P6M-YB 2P4M-YB 2P2MYC 2P2M-YB 2P2M-CY 2P0 |
4 A, 100 V, SCR PLASTIC PACKAGE-3 4 A, 600 V, SCR PLASTIC PACKAGE-3 4 A, 400 V, SCR PLASTIC PACKAGE-3 4 A, 200 V, SCR 4 A, 50 V, SCR
|
|
CQ220I-16B CQ220I-16M CQ220I-16N CQ220I-16D |
ISOLATED RAB TRIAC 16 AMP 600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
C390MX500 C390AX500 C390BX500 C390CX500 C390DX500 |
CAP 2700PF 200V 200V X7R RAD.20 .30X.30 BULK R-MIL-PRF-39014 STANDOFF 975 A, 600 V, SCR Phase Control SCR 620 Amperes Avg 100-600 Volts 975 A, 200 V, SCR
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
|