PART |
Description |
Maker |
612-3132-130F 612-3132-140F 612-3232-120F 612-3232 |
LED Panel Mount Indicators for 12mm Mounting Hole
|
Dialight Corporation
|
609-1312-130 609-1312-120 609-1222-140 609-1222-13 |
LED Panel Mount Indicators for 9mm Mounting Hole
|
Dialight Corporation
|
616-1132-130F 616-1132-140F 616-1332-120F 616-1332 |
LED Panel Mount Indicators for 16mm Mounting Hole Panel Mount Indicators; LED Color:Green; Luminous Intensity:110ucd; Forward Current:15mA; Forward Voltage:12VDC; Operating Temperature Range:-25 C to C; Color:Green; Luminous Intensity (MSCP):110; Voltage Rating:12VDC RoHS Compliant: Yes Panel Mount Indicators; LED Color:Green; Luminous Intensity:110ucd; Forward Current:15mA; Forward Voltage:6VDC; Operating Temperature Range:-25 C to 85 C; Color:Green; Luminous Intensity (MSCP):110; Voltage Rating:6VDC RoHS Compliant: Yes
|
Dialight Corporation
|
MV60539.MP5 MV60539.MP6 MV60539.MP7 MV60539.MP8 MV |
Variable Frequency Drive Composite Cable; Composite Conductor Types:3 Conductors 1 Pair; Number of Conductors:5; Conductor Size AWG:16-10; No. Strands x Strand Size:26 x 30, 105 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes RECTIFIER SCHOTTKY DUAL 15A 30V 150A-ifsm 0.84V-vf 0.1mA-ir TO-220AB 50/TUBE N-Channel MOSFETs (20V
250V); Package: PG-TO263-3; Package: D2PAK (TO-263); VDS (max): 100.0 V; RDS (on) (max) (@10V): 33.0 mOhm; RDS (on) (max) (@4.5V): -; ID (max): 27.0 A; TRANS PREBIASED PNP 200MW SOT23 Circular Connector; No. of Contacts:55; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-35 Circular Connector; No. of Contacts:26; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 PC PARALLEL ADAPTER, DB25F N-Channel MOSFETs (20V
250V); Package: PG-TO263-3; Package: D2PAK (TO-263); VDS (max): 100.0 V; RDS (on) (max) (@10V): 33.0 mOhm; RDS (on) (max) (@4.5V): -; ID (max): 27.0 A; SLIMLINE DIN 8 M TO DB9 MALE PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, YELLOW, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 DUAL COLOR LED ARRAY, RED/GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, GREEN, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm PTSE 5C 5#16 PIN PLUG T-1 SINGLE COLOR LED, RED, 3 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, GREEN, 5 mm TV 26C 26#20 PIN WALL RECP T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, RED, 5 mm PCB MOUNT LED INDICATORS T-1 DUAL COLOR LED ARRAY, BRIGHT RED/GREEN, 3 mm CAP POLYPROPYLENE .0082UF 50V 2% T-1 3/4 SINGLE COLOR LED, RED, 5 mm RECTIFIER SCHOTTKY DUAL 10A 80V 120A-ifsm 0.85V-vf 0.1mA-ir TO-220AB 50/TUBE T-1 3/4 SINGLE COLOR LED, RED, 5 mm RECTIFIER SCHOTTKY SINGLE 16A 30V 150A-ifsm 0.63V-vf 0.2mA-ir TO220AC 50/TUBE T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED ARRAY, YELLOW, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, YELLOW, 3 mm Filter Unit Analog P/H/G 400 cfm 115VAC RoHS Compliant: Yes T-1 3/4 SINGLE COLOR LED ARRAY, RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, HIGH EFFICIENCY RED, 5 mm Variable Frequency Drive Composite Cable; Composite Conductor Types:3 Conductors 1 Pair; Number of Conductors:5; Conductor Size AWG:16-12; No. Strands x Strand Size:26 x 30, 65 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes PCB MOUNT LED INDICATORS
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. QT Optoelectronics
|
678-930-00-51 678-111-71 678-114-21 678-114-22 678 |
T-4 SINGLE COLOR LED, GREEN, 10 mm PROFESSIONAL LED INDICATORS ?16mm Mounting PROFESSIONAL LED INDICATORS ?16mm Mounting PROFESSIONAL LED INDICATORS 篓陋16mm Mounting
|
MARL INTERNATIONAL LTD Marl International Limited
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
557-1005-203 557-1502-203 |
LED Indicator; Color:White; Luminous Intensity (MSCP):1000ucd; Voltage Rating:24V; LED Color:White; Leaded Process Compatible:No; Lens Width:17.8; Peak Reflow Compatible (260 C):No; Terminal Type:Panel Mount SINGLE COLOR LED, WHITE, 17.8 mm LED Panel Mount Indicator 11/16 Mounting Hole, Watertight SINGLE COLOR LED, RED, 17.8 mm
|
Dialight PLC
|
614-530-04 614-530-20 614-530-21 614-530-23 |
DUAL COLOR LED, RED/GREEN, 7 mm PROFESSIONAL LED INDICATORS ?8.1mm Mounting PROFESSIONAL LED INDICATORS 篓陋8.1mm Mounting
|
MARL INTERNATIONAL LTD Marl International Limited
|
TLYE62T TLSE62T TLOE62T TLFGE62T TLGE62T TLPGE62T |
InGaAlP LED - Panel Circuit Indicators TOSHIBA InGaA P LED TOSHIBA InGaA ГP LED TOSHIBA InGaA ?P LED
|
TOSHIBA[Toshiba Semiconductor]
|
TLRH30TP TLRMH30TP TLSH30TP TLOH30TP TLYH30TP TLRH |
Panel Circuit Indicators
|
Toshiba Semiconductor
|
|