PART |
Description |
Maker |
ADG842YKSZ-REEL ADG842 ADG841 ADG841YKSZ-500RL7 AD |
0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO6 0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 0.28 Ω CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Closed for a Logic 1 Input
|
Analog Devices, Inc.
|
2SC3090 0289 2SC3090M |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits From old datasheet system NPN Triple Diffused Planar Silicon Transistor For Switching Regulators
|
Sanyo Semicon Device
|
OM6035NM OM6036NM OM6037NM OM6034NM |
100V Single N-Channel Hi-Rel MOSFET in a SMD-1 package 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 11A条(丁)|贴片 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier
|
2SA1787E 2SC4650D 2SC4490C 2SC4490F 2SC4650F 2SA16 |
TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 100MA I(C) | SC-71 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 100MA I(C) | SC-71 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管|叩| 300V五(巴西)总裁| 100mA的一(c)|律师- 71 晶体管|晶体管|叩| 60V的五(巴西)总裁| 50mA的一c)|36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 180V五(巴西)总裁| 50mA的一(c)|92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 100mA的一(c)|2VAR
|
Rohm Co., Ltd. Lattice Semiconductor, Corp. Sanyo Electric Co., Ltd.
|
MAX6381 MAX6381XRD-T MAX6382 MAX6382XRD-T MAX6383 |
4.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.19 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.31 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit Analog IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1024x4 CMOS RAM; Temperature Range: -55°C to 125°C; Package: 18-CerDIP 500MHz Rail-to-Rail Amplifier; Temperature Range: -55°C to 125°C; Package: 8-SBDIP 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel SC70, Single/Dual Low-Voltage, Low-Power ?? Reset Circuits 700-mW Mono, Class-AB Audio Amplifier with Active High Shutdown 8-MSOP-PowerPAD 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Quad Operational Amplifier; Package: SOP; No of Pins: 14; Container: Rail 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 DIODE SWITCHING DUAL COMMON-CATHODE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SC70封装,单/双低电压,低功耗レP复位电路 CONNECT-CRIMP WL MT RCPT L/C SC70封装,单/双低电压,低功耗レP复位电路 *** UNUSED GENERIC #'S *** 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70 Single/Dual Low-Voltage Low-Power µ.P Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路 PCB PLUG-IN BASE FOR LPB RoHS Compliant: Yes SC70封装,单/双低电压,低功耗レP复位电路 700-mW Mono, Class-AB Audio Amplifier with Mono Headphone Drive 8-SOIC -40 to 85 SC70封装,单/双低电压,低功耗レP复位电路 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路 1.25-W Mono, Fully Differential, Class-AB Audio Amp w/ 1.8V Compatible Shutdown Voltage (TPA6205) 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.7-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-MSOP-PowerPAD 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.25-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 FC/PC F.O. SINGLE MODE IN-LINE ATTENUATOR 10DB SC70封装,单/双低电压,低功耗レP复位电路 N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel SC70封装,单/双低电压,低功耗レP复位电路 N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk SC70封装,单/双低电压,低功耗レP复位电路 N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Tape & Reel SC70封装,单/双低电压,低功耗レP复位电路 N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Ammo SC70封装,单/双低电压,低功耗レP复位电路 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 CONNECT-CRIMP WL MT RCPT L/C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Fuses, 400mA 250V SB 5X15 BULK SC70封装,单/双低电压,低功耗レP复位电路 TWINAX T ADAPTER, JACK- JACK-J USB 2.0 B MALE (RT ANGLE)TO A M 4 FEET FF-LS Series, Type 4, Safety Light Curtain, 14 mm [0.55 in] resolution, 561 mm [22.10 in] protection height Chip Bead; Current Rating:200mA; Resistance:0.5ohm; Package/Case:1806; Frequency:100MHz; Impedance:150ohm; Impedance Tolerance: /- 25 Percent; Leaded Process Compatible:No; Mounting Type:Surface Mount RoHS Compliant: Yes CABLE ASSEMBLY; SMA MALE TO TNC MALE; 50 OHM, RG178B/U COAX 1A/650V 70KHz Power Switch; ; No of Pins: 8; Container: Rail SOLDER JAM NUT RECPT -SR SOLDER PLUG -SR 670MHz Low Noise Amplifiers; Temperature Range: -55°C to 125°C; Package: 8-SBDIP 500MHz Rail-to-Rail Amplifiers; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 5.0V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 28-CLCC LOW DROP POSITIVE VOLTAGE REGULATORS 360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel EcoSPARK 500mJ, 450V, N-Channel Ignition IGBT BOOT,HEATSHRINKABLE,STRAIN-RELIEF SC70 / Single/Dual Low-Voltage / Low-Power P Reset Circuits SC70 Single/Dual Low-Voltage Low-Power P Reset Circuits " SC70, Single/Dual Low- Voltage, Low-Power ?P Reset Circuits" SC70, Single/Dual Low-Voltage, Low-Power 楼矛P Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power 渭P Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power μP Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 700-mW Mono, Class-AB Audio Amplifier 8-SOIC 3.08 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.93 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 4.63 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 4.38 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC 电源管理 友顺科技股份有限公司 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] http:// MAXIM - Dallas Semiconductor
|
0447-0100-07 0447-0250-07 0447-0150-07 0447-0050-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 逻辑IC Logic IC 逻辑IC
|
PacTec Air Cost Control
|
MCP40D19T-103AE_LT MCP40D19-502AE_LT MCP40D17 MCP4 |
10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6 7-Bit Single I2C?/a> (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C垄芒 (with Command Code) Digital POT with Volatile Memory in SC70
|
Microchip Technology
|
R459002 R459.375 R459.250 R459001 R459003 R459004 |
FUSE SMD 62MA VERY FAST 保险丝贴2MA特快 FUSE SMD 3A VERY FAST 贴片保险A条特快 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 保险丝贴A条特快 FUSE SMD 1.5A VERY FAST FUSE SMD 2.5A VERY FAST FUSE SMD 500MA VERY FAST SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits PICO SMF Very Fast-Acting Type Fuse 459 Series
|
TE Connectivity, Ltd. Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
0810-1XX1-12 0810-1XX1-22 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 1port.Y/GO LEDs.RJ45 10Base - T SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits INTEGRATED CONNECTOR MODULES 10Base-T belMag⑩ with LEDs INTEGRATED CONNECTOR MODULES 10Base-T belMag with LEDs
|
Electronic Theatre Controls, Inc. Bel Fuse Inc.
|
2SC2632 2SC2632R |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Transistor
|
Matsshita / Panasonic
|
0447-0040A3 0447-0060A3 0447-0050A3 0447-0090A3 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Logic IC 逻辑IC
|
Air Cost Control
|
2SC4109 2SC4109L |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Switching Regulator Applications
|
Sanyo Semicon Device
|
|