PART |
Description |
Maker |
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
A7OQS100-4 A7OQS125-4 A7OQS125-4K A7OQS150-4 A7OQS |
ELECTRIC FUSE, 100A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 150A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 175A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 300A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 35A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 450A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 500A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 60A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER
|
Mersen
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
KLM-1 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:KLM RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 1A, 500VAC, 500VDC, 10000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
FNQ-R-25 FNQ-R-15 |
Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm Cartridge Fuse; Current Rating:15A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ-R
|
COOPER INDUSTRIES
|
0154003.DR 0154.062DRL 0154.062DRTL 0154.080DRTL 0 |
NANO2? > 154 OMNI-BLOK? Fuse and Holder Combination 154/154T/154L/154TL Series OMNI-BLOK? Fuse and Holder Assembly Easy fuse replacement Miniature size Wide operating temperature range
|
Littelfuse
|
221 215.200 215.250 215.315 215.400 215.500 215.63 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
|
LITTELFUSE[Littelfuse]
|
ST733C..LSERIES ST733C08LFM0 ST733C08LFL0 ST733C04 |
800V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package 400V 1900A Inverter Thyristor in a TO-200AC (B-Puk) package INVERTER GRADE THYRISTORS Automotive Fuse; Current Rating:3A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Voltage Rating:32V; Fuse Size/Group:15.41 x 10.92 x 3.81mm RoHS Compliant: Yes Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes
|
International Rectifier
|
01520001TXN941 |
Fuse Holder for MAXI? Style Blade Fuse
|
Littelfuse
|
|