PART |
Description |
Maker |
CS49530X |
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
|
Cirrus Logic
|
CS48AU2B-CQZ |
DSP - Audio I/C LwCst 32B Audio Prcsr w/ Audyssey SPECIALTY CONSUMER CIRCUIT, PQFP48 Dedicated 32-bit Audio DSP for Audyssey Laboratories Technology
|
Cirrus Logic, Inc.
|
ATSAM3103 |
Versatile Low-power Audio DSP/Low-cost Effect DSP The ATSAM3103 is a member of the new ATSAM3000 family that uses DSP array technology. ... ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP From old datasheet system
|
ATMEL[ATMEL Corporation]
|
STA1095 |
Accordo2 Dual Core 32-bit ARM Cortex-R4 / Cortex-M3 processor, with embedded SRAM, integrated DSP sound subsystem, audio ADCs and DACs, isolated CAN MCU for Car Radio and Display Audio applications
|
ST Microelectronics
|
CS495303-CVZ CS495313-CQZ CS495313-CVZ CS495304-CV |
Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Supply Voltage Max:3.3V; Package/Case:128-LQFP; Leaded Process Compatible:Yes; MIPS:240; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP128 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:128-LQFP; Leaded Process Compatible:Yes; MIPS:240; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:3.3V RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP144 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:128-LQFP; Leaded Process Compatible:Yes; MIPS:240; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Supply Voltage Max:3.3V RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP128 COLOR SIGNAL DECODER, PQFP128 LEAD FREE, LQFP-128 DSP - Audio IC 32-bit Decodr DSP w/Dual DSP Engine
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
BS616LV2016 BS616LV201 BS616LV2016DC BS616LV2016EI |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 LM4935 Boomer ® Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC; Package: MICRO SMDXT; No of Pins: 49 非常低功电压CMOS SRAM28K的16 LM49370 Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers; Package: MICRO SMDXT; No of Pins: 49 Asynchronous 2M(128Kx16) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
AKD7770 |
Audio DSP with Multi-Channel Audio CODEC
|
Asahi Kasei Microsystems
|
AK7750 AK7750VT |
Audio DSP with Built-in Hands-Free Phone Features
|
Asahi Kasei Microsystems
|