PART |
Description |
Maker |
BC807-16-7 BC807-25-7 BC807-40-7 BC807 BC807-40 BC |
PNP SURFACE MOUNT TRANSISTOR SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO, BusTrace, AUD BP-112; Vcc= 3.0 to 5.5 volts, Temp= -20 to 85 C; Package: PLBG0112GA-A
|
http:// DIODES[Diodes Incorporated] Diodes Inc.
|
CA3242E CA3242 |
Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load SH2 Series, 7144 Group, Two ADC circuits, 5-ch 16-bit MTU, 2-ch CMT, UBC, AUD FP-112B; Vcc= 3.0 to 3.6 volts, Temp= -20 to 75 C; Package: PRQP0112JB-A 四门控逆变电源的驱动器的接口低级别逻辑高电流负
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
ISL6613BIB-T ISL6612BIRZ-T ISL6612BIBZ |
TVS UNIDIRECT 1500W 33V SMC 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP 3 A HALF BRDG BASED MOSFET DRIVER, PDSO10 7-Bit Bus Interfaces With 3-State Outputs 20-TSSOP 0 to 70 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8
|
Intersil, Corp.
|
IDT79RC64V475-200DPI IDT79RC64V475-200DZ IDT79RC64 |
RISControllerTM Embedded 64-bit Microprocessor, based on 64-BIT, 250 MHz, RISC PROCESSOR, PQFP208 RISControllerTM Embedded 64-bit Microprocessor, based on 64-BIT, 250 MHz, RISC PROCESSOR, PQFP128
|
Integrated Device Technology, Inc.
|
LPC213X LPC2134-01 LPC2131-01 LPC2136-01 LPC2138-0 |
ARM7-based microcontrollers with two 10-bit ADCs and 10-bit DAC
|
NXP Semiconductors
|
AT91SAM7X128-AU AT91SAM7X512-CU AT91SAM7X512-AU AT |
AT91 ARM Thumb-based Microcontrollers 32-BIT, FLASH, 55 MHz, RISC MICROCONTROLLER, PBGA100 AT91 ARM Thumb-based Microcontrollers AT91上ARM的拇指型微控制器
|
Atmel Corp. Atmel, Corp.
|
STM32F101RC STM32F101RD STM32F101RE |
ARM-based 32-bit MCU
|
STMicroelectronics
|
W90N740CDG |
32-BIT ARM7TDMI-BASED MICRO-CONTROLLER
|
Winbond
|
FM8P51 FM8P51E FM8P51EF FM8P51EP FM8P51F FM8P51P |
EPROM/ROM-Based 8-Bit Microcontroller
|
List of Unclassifed Manufacturers
|
PIC16C622-04I/JW PIC16LC622-04I/JW PIC16C622-20E/J |
EPROM-Based 8-Bit CMOS Microcontroller
|
Microchip
|