PART |
Description |
Maker |
AD806706 AD8067ARTZ-R2 AD8067ARTZ-REEL AD8067 |
High Gain Bandwidth Product, Precision Fast FET?Op Amp High Gain Bandwidth Product, Precision Fast FET⑩ Op Amp High Gain Bandwidth Product, Precision Fast FET?/a> Op Amp High Gain Bandwidth Product, Precision FastFET™ Op Amp; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 1000 uV OFFSET-MAX, PDSO5
|
Analog Devices, Inc.
|
MPAT-02000220-3706 MPAT-10701250-6020 MPAT-0750085 |
2000 MHz - 2200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 2100 MHz - 2700 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX 17700 MHz - 20200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
AGB3304 AGB3304_REV_0.0 AGB3304S24Q1 |
50 High IP3 Low Noise Wideband Gain Block Gain Block Amplifiers From old datasheet system 50з High IP3 Low Noise Wideband Gain Block
|
ANADIGICS[ANADIGICS, Inc]
|
NBWLVEP16VR NBLVEP16VR NBLVEP16VRMN NBLVEP16VRMNR2 |
From old datasheet system 2.5V/3.3V/5V ECL Differential Receiver/Driver with Oscillator Gain Stage and Enabled High Gain Outputs RECTIFIER FAST-RECOVERY SINGLE 2A 600V 60A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 4K/REEL-13
|
ONSEMI[ON Semiconductor]
|
BC847PN Q62702-C2374 BC847PNQ62702C2374 Q62702-C15 |
PNP Silicon AF Transistors (For general AF applications High collector current High current gain) TRANSISTOR SOT363 NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
CNW139 CNW138 |
8-PIN WIDE BODY, HIGH-GAIN OPTOCOUPLERS (CNW138 / CNW139) 8-Pin Wide Bodt High Gain Optocouplers
|
Fairchild Semiconductor
|
LD7213L LD7213 |
14 GHz / 300 W CW / CONDUCTION COOLING / HIGH POWER GAIN / FLAT GAIN VARIATION 14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
|
NEC Corp. NEC[NEC]
|
MGA-31389-15 |
0.1W High Gain Driver Amplifier 0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
|
AVAGO TECHNOLOGIES LIMI... Broadcom Corporation.
|
IL56B IL55B MOC8021 IL55B-X009 IL55B-X007 IL55B-X0 |
Optocouplers (IL55B / IL56B) Optocoupler / Photodarlington Output / High Gain Optocoupler, Photodarlington Output, High Gain
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
AMMC-5620 AMMC-5620-W10 AMMC-5620-W50 |
Agilent AMMC-5620 6 - 20 GHz High Gain Amplifier Agilent AMMC-5620 6 - 20 GHz High Gain Amplifier AMMC-5620 · 6-20 GHz High Gain Amplifier
|
Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|