PART |
Description |
Maker |
74LVX16373 74LVX16373TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS From old datasheet system
|
ST Microelectronics STMicroelectronics
|
74LVX16374 74LVX16374TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
|
ST Microelectronics STMicroelectronics
|
RHRXH162374K01Q RHRXH162374K01V RHRXH162374K02Q RH |
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
BS62LV4006 BS62LV4006EC-70 BS62LV4006PC BS62LV4006 |
Very Low Power/Voltage CMOS SRAM 512K X 8 bit Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Asynchronous 4M(512Kx8) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
74LCX16373TTR 74LCX16373 |
LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS 低电压CMOS 16位D型锁存器 -国家与承V的输入和输出
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
BXA15-48T05-12F BXA15-24T05-12F BXA15-48T05-15F BX |
Low voltage CMOS 16-bit bus transceiver (3-state) with 3.6V tolerant inputs and outputs Low voltage CMOS 16-bit bus buffer (3-state inv.) with 3.6V tolerant inputs and outputs Low voltage CMOS 16-bit bus buffer (3-state) with 3.6V tolerant inputs and outputs Low voltage BICMOS 16 bit bus buffer with bus hold and power up 3-state 模拟IC
|
Advanced Interconnections, Corp.
|
E0C6S46 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200 4-Bit CMOS Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位高级的、CMOS、单片微型计算机(含4位E0C62000中央处理器核点阵LCD驱动器,可编程SVD电路/声音发生器))
|
爱普生(中国)有限公
|
TMP91PW12F |
Low-Voltage/Low Power CMOS 16-Bit Micro-controller 16-Bit Microcontroller TLCS-900 Family
|
Toshiba
|
74LCXH16245 74LCXH16245G 74LCXH16245MTD 74LCXH1624 |
BUS TRANSCEIVER|DUAL|8-BIT|LCX-CMOS|BGA|54PIN|PLASTIC LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA54 Low Voltage 16-Bit Bidirectional Transceiver with Bushold Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MMSZ5234B |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop; Package: TSSOP-48 12.5x6.1x1.1 mm; No of Pins: 48; Container: Tape and Reel; Qty per Container: 2500 5% TOLERANCE
|
Fairchild Semiconductor Corporation
|