PART |
Description |
Maker |
BT136 BT136-500 BT136-500F BT136-500G BT136-600 BT |
Triacs(双向可控 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT136M-500D BT136M-600D BT136S-500D BT136S-600D BT |
8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs logic level
|
NXP Semiconductors N.V. Philips Semiconductors
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT1308W-400D BT1308W-600D |
Triacs logic level
|
NXP Semiconductors
|
BT1308W |
Triacs logic level
|
NXP Semiconductors
|
BTA201 |
Triacs logic level
|
PHILIPS
|
BT137B BT137B-500D BT137B-600D BT137BSERIESD |
Triacs logic level 双向可控硅逻辑电平 Triacs logic level(双向可控硅逻辑电平)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA12 |
12A Triacs logic level
|
Suntac Electronic Corp.
|
BT131-500 |
Triacs logic level(双向可控硅逻辑电平)
|
Philips Semiconductors
|
|