PART |
Description |
Maker |
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
AT-31011 AT-31011-BLK AT-31011-TR1 AT-31033 AT-310 |
TERM BLOCK HDR 5.08MM 3POS PCB Low Current/ High Performance NPN Silicon Bipolar Transistor Low Current High Performance NPN Silicon Bipolar Transistor Low Current, High Performance NPN Silicon Bipolar Transistor
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
KTD1047 KTD1028V |
EPITAXIAL PLANAR NPN TRANSISTOR (INDUSTRIAL USE HIGH CURRENT) TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
UTC8050S |
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR NPN Epitaxial Silicon Transistor
|
UTC[Unisonic Technologies]
|
AT-32032 AT-32032-TR2 |
TRANSISTOR | BJT | NPN | 5.5V V(BR)CEO | 40MA I(C) | SOT-323 Microcurrent transistors for battery operations Low Current, High Performance NPN Silicon Bipolar Transistor(小电流,高性能NPN硅双极型晶体
|
Agilent(Hewlett-Packard)
|
BC848CW BC846W-BC850W BC848AW Q62702-C2306 Q62702- |
High Speed CMOS Logic Dual 4-Input AND Gate 14-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters with Asynchronous Reset 16-PDIP -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
AT-30511 AT-30511BLK AT-30511-BLK AT-30511TR1 AT-3 |
Low Current, High Performance NPN Silicon Bipolar Transistor 低电流,高性能NPN硅双极晶体管 Low Current/ High Performance NPN Silicon Bipolar Transistor Low Current High Performance NPN Silicon Bipolar Transistor
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
CZT3150 |
SMD Bipolar Power Transistor NPN High Current SURFACE MOUNT NPN SILICON POWER TRANSISTOR
|
Central Semiconductor Corp
|
BC487 BC487B BC487G BC487BRL1 BC487BG |
High Current Transistors NPN Silicon 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
BCP54-10 BCP54BCP56 Q62702-C2120 Q62702-C2148 Q627 |
NPN Silicon AF Transistors (For AF driver and output stages High collector current) NPN Silicon AF Transistors (For AF driver and output stages High collector current) NPN硅晶体管自动对焦(为自动驱动器和输出级高集电极电流) NPN Silicon AF Transistors (For AF driver and output stages High collector current) 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
2SD231810 2SD2318 2SD2318TLV |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CPT3, SC-63, 3 PIN High-current gain Power Transistor (60V, 3A)
|
Rohm
|
2SD1525 |
Transistor Silicon NPN Triple Diffused Type (Darlington power transistor) High Current Switching Applications
|
TOSHIBA
|