PART |
Description |
Maker |
1202-054 |
FLTR, SING, PI, BSHG
|
API Technologies Corp
|
BA5973 BA5973FP A5800727 |
3-channel BTL driver for CD/ CD-ROM/ DVD/ and DVD-ROM From old datasheet system 3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM Optical Disc LSIs > Motor/Actuator driver > CD/CD-ROM driver(1ch-3ch)
|
ROHM[Rohm]
|
IMP525 |
Sing Single Cell Batt le Cell Batterery Powered Electroluminescent Lamp Driv er/Inverter(单节电池供电的电致发光(EL)灯驱动反相
|
IMP
|
LC371000SM |
1M Mask Rom Internal Clocked Silicon Gate(1M带内部定时硅门的掩膜 ROM) 100万掩模ROM内部时钟硅门100万带内部定时硅门的掩膜光盘)
|
Sanyo Electric Co., Ltd.
|
S5L9250B01-Q0R0 |
The CD-ROM 48X 1 chip receives the input signal read from the CD-DA/VIDEO-CD/CD-ROM disc after handling by the RF amplifier.
|
Samsung Electronic
|
BD7956FS |
7ch Power Driver for CD-ROM, DVD-ROM
|
Rohm
|
BH3527FV |
Line amplifier for CD-ROM/DVD-ROM
|
ETC
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
BC41B143A05-IRK-E4 BC41B143A-DS-001PE |
BlueCpre 4-ROM Single Chip Bluetooth v2.0 System with EDR BlueCpre 4 - ROM单芯片蓝牙v2.0系统与EDR Blue Core ROM
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. CSR
|