PART |
Description |
Maker |
LT1168 LT1168AIS8 LT1168AC LT1168ACN8 LT1168ACS8 L |
Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier Low Power Single Resistor Gain Programmable Micropower Precision Instrumentation Amplifier Low Power/ Single Resistor Gain Programmable/ Micropower Precision Instrumentation Amplifier From old datasheet system
|
LINER[Linear Technology]
|
AD806706 AD8067ARTZ-R2 AD8067ARTZ-REEL AD8067 |
High Gain Bandwidth Product, Precision Fast FET?Op Amp High Gain Bandwidth Product, Precision Fast FET⑩ Op Amp High Gain Bandwidth Product, Precision Fast FET?/a> Op Amp High Gain Bandwidth Product, Precision FastFET™ Op Amp; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 1000 uV OFFSET-MAX, PDSO5
|
Analog Devices, Inc.
|
AD7245ASE/883B AD7245SQ/883B AD7245ASQ/883B AD7245 |
Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 12-Bit Digital-to-Analog Converter Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12位数字到模拟转换
|
Analog Devices, Inc.
|
AD625S AD625SCHIPS AD625SD AD625SE AD625J AD625JN |
Programmable Gain Instrumentation Amplifier Precision Gain of 5 Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 200 uV OFFSET-MAX, 0.65 MHz BAND WIDTH, PDIP16 Precision Gain of 5 Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 200 uV OFFSET-MAX, 0.65 MHz BAND WIDTH, CDIP16 Precision Gain of 5 Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 50 uV OFFSET-MAX, 0.65 MHz BAND WIDTH, PDIP16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD8067 AD8067ART AD8067ART-R2 AD8067ART-REEL AD806 |
High Gain Bandwidth Product Precision FastFET™ Op Amp High Gain Bandwidth Product Precision FastFET?Op Amp High Gain Bandwidth Product Precision Fast FET Op Amp High Gain Bandwidth Product Precision Fast FET⑩ Op Amp
|
AD[Analog Devices]
|
AD8253ARMZ-R71 AD8253ARMZ-RL1 AD8253ARMZ1 AD82241 |
10 MHz, 20 V/μs, G = 1, 10, 100, 1000 i CMOS? Programmable Gain Instrumentation Amplifier 10 MHz, 20 V/渭s, G = 1, 10, 100, 1000 i CMOS庐 Programmable Gain Instrumentation Amplifier 10 MHz, 20 V/楼矛s, G = 1, 10, 100, 1000 i CMOS垄莽 Programmable Gain Instrumentation Amplifier 10 MHz, 20 V/レs, G = 1, 10, 100, 1000 i CMOS㈢ Programmable Gain Instrumentation Amplifier
|
Analog Devices
|
MAX5431 MAX5430-MAX5431 MAX5431CEUB MAX5430 MAX543 |
/-15V Digitally Programmable Precision Voltage-Dividers for PGAs From old datasheet system ?à15V Digitally Programmable Precision Voltage Divider for PGAs
|
MAXIM[Maxim Integrated Products]
|
HA7-5135-5 HA-5135 HA-5135_04 |
Op Amp, 2.5MHz Precision, Unity Gain 2.5MHz, Precision Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
HS2020 |
Programmable Gain Amplifier
|
Sipex
|
RF2155PCBA-41X RF215506 RF2155 |
3V PROGRAMMABLE GAIN POWER AMPLIFIER
|
RFMD[RF Micro Devices]
|