PART |
Description |
Maker |
ST7263BK2B1 ST72F63BK4M1 ST72P63BK4M1 ST72F63BK1B1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C 低速USB 8位微控制器闪 ROM家庭,高12字节RAM位ADC,水分散粒剂,定时器,SCI LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMicroelectronics N.V. 意法半导
|
ST90158-ST90135 ST90158M9T1 ST90R158T1 ST90E158P9L |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 8/16-BIT MICROCONTROLLER (MCU) WITH 16 TO 64K ROM, OTP OR EPROM, 512 TO 2K RAM - ST9 FAMILY
|
ST Microelectronics SGS Thomson Microelectronics
|
C8051F852-C-GU C8051F860-C-GS |
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
|
Silicon Laboratories
|
ST90E158 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
|
ST Microelectronics
|
ST90135 ST90135M4Q6 ST90135M5Q6 ST90135M6Q6 ST9013 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
|
STMICROELECTRONICS[STMicroelectronics]
|
ST7263BKX |
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM
|
STMicroelectronics
|
ST72F63BK1M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
SGS Thomson Microelectronics
|
ST7263BK2B1/GEN ST7263BK4 ST72P63BK2B1 ST72P63BK4B |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
ST Microelectronics
|
ST7260K1U1_XXX ST72F60E1M1 ST72F60E2M1 ST72F60K1U1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
|
STMICROELECTRONICS[STMicroelectronics]
|
ST7260K1U1/XXX ST7260K2U1/XXX ST7260E2M1/XXX ST726 |
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
|
STMicroelectronics
|
ST62T20 ST62T25 ST62T28 ST62T52 ST62T53 ST62T55 ST |
EPROM PROGRAMMING BOARDS DATASHEET FOR ST62 FAMILY 16-Bit Bus Transceivers And Registers With 3-State Outputs 56-SSOP -40 to 85 32Mb CellularRAM EPROM编程议会部件的ST62家庭 EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY EPROM编程议会讨论ST62单片机系 EPROM PROGRAMMING BOARDS DATASHEET FOR ST62 FAMILY EPROM编程议会部件的ST62家庭
|
http:// ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 Microchip Technology, Inc. STMicroelectronics N.V.
|
R5F21296KSP R5F21296KXXXSP R5F21282SDSP R5F21282SN |
RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
|
http:// Renesas Electronics Corporation
|