PART |
Description |
Maker |
NB3N2302 |
Zero Dela Buffer, 3.3V / 5 V, 5 MHz to 133 MHz Frequency Multiplier
|
ON Semiconductor
|
TPC8009-H |
Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII) High Speed and High Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
|
Toshiba Semiconductor Toshiba Corporation
|
BAV70 Q68000-A6622 |
Silicon Switching Diode Array (For high-speed switchingFor high-speed switching) 0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
RUR-D820 RUR-D815 RUR-D810 |
Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 200 V. Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 150 V. Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 100 V.
|
General Electric Solid State
|
2SK3748 |
N CHANNEL MOS SILICON TRANSISTOR High-Voltage High-Speed Switching Applications High-Voltage, High-Speed Switching Applications From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
BUX81 |
HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR
|
Seme LAB
|
2N6496 2N5039 2N5038 |
HIGH-CURRENT, HIGH-POWER HIGH-SPEED SILICON N-P-N PLANAR TRANSISTORS
|
GESS[GE Solid State]
|
SMBJ5.0A SMBJ51A SMBJ17A SMBJ100A SMBJ78CA SMBJ6.0 |
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 High Speed CMOS Logic Dual 4-Stage Static Shift Register 16-CDIP -55 to 125 CMOS Dual 4-Bit Latch 24-SO -55 to 125 High Speed CMOS Logic Octal D-Type Positive-Edge Triggered Inverting Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 CMOS Dual BCD Up-Counter 16-SOIC -55 to 125 High Speed CMOS Logic 10-to-4 Line Priority Encoder 16-CDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge Trigger J-K Flip-Flops with Reset 14-CDIP -55 to 125 Replaced by VSP2560 : 10-bit, 21 MSPS 1-Channel AFE for CCD Sensors 48-TQFP Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors 硅雪崩二极管- 600W表面贴装瞬态电压抑制器 CMOS Dual Monostable Multivibrator 16-TSSOP -55 to 125 硅雪崩二极管- 600W表面贴装瞬态电压抑制器
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
2SK2348 |
N-Channel Silicon MOSFET High-Voltage, High-Speed Switching Applications High-Voltage/ High-Speed Switching Applications
|
Sanyo Semicon Device
|
FC903 FC903-TR-E |
0.1 A, 3 ELEMENT, SILICON, SIGNAL DIODE High-Speed Switching Composite Diode Silicon Epitaxial Planar Type High-Speed Switching Composite Diode
|
ON Semiconductor SANYO SEMICONDUCTOR CO LTD SANYO[Sanyo Semicon Device]
|
2SK2347 |
N-Channel Silicon MOSFET High-Voltage, High-Speed Switching Applications
|
SANYO
|
NTE2318 |
Silicon NPN Transistor High Voltage, High Speed Switch
|
NTE[NTE Electronics]
|