PART |
Description |
Maker |
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1021CV26-15ZE |
1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
IDT71016 IDT71016S12PHG IDT71016S12PHGI IDT71016S1 |
CMOS Static RAM 1 Meg (64K x 16-Bit) 64K x 16 Static RAM Filter Module w/out Resistor Network 64K X 16 STANDARD SRAM, 20 ns, PDSO44 CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Octal Buffers And Line/MOS Drivers With 3-State Outputs 20-SOIC -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. SRAM INTEGRATED DEVICE TECHNOLOGY INC
|
CY7C1021CV33-12ZSXE |
1-Mbit (64K x 16) Static RAM
|
Cypress Semiconductor Corp.
|
CY7C1021DV33-10VXI CY7C1021DV33 CY7C1021DV33-12ZSX |
1-Mbit (64K x 16) Static RAM
|
Cypress Semiconductor
|
CY7C1021CV26 |
1-Mbit (64K x 16) Static RAM
|
Cypress Semiconductor
|
CY7C1021BL-15ZI CY7C1021BL-15ZXI CY7C1021B-15ZSXE |
1-Mbit (64K x 16) Static RAM
|
Cypress Semiconductor
|
CY7C09089 CY7C09079A CY7C09099 CY7C91089 CY7C91099 |
64K x 8 Synchronous Dual-Port Static RAM(64K x 8 同步双端口静态RAM) From old datasheet system 32K/64K/128K x 8/9Synchronous Dual-Port Static RAM
|
Cypress Semiconductor Corp.
|
CY7C192-15VXC |
64K x 4 Static RAM with Separate IO; Density: 256 Kb; Organization: 64Kb x 4; Vcc (V): 4.5 to 5.5 V; 64K X 4 STANDARD SRAM, 15 ns, PDSO28 64 K × 4 Static RAM with Separate IO CMOS for optimum speed/power
|
Cypress Semiconductor, Corp.
|
CY7C1021CV33 CY7C1021CV33-10BAC CY7C1021CV33-10BAI |
64K x 16 Static RAM 64K X 16 STANDARD SRAM, 15 ns, PBGA48 64K x 16 Static RAM 64K X 16 STANDARD SRAM, 8 ns, PDSO44
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IS61LV6416 IS61LV6416-10 IS61LV6416-10B IS61LV6416 |
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY 64K的16高速CMOS静态RAM.3 V电源 ASYNCHRONOUS STATIC RAM
|
ETC ICSI[Integrated Circuit Solution Inc]
|