PART |
Description |
Maker |
SX28AC SX20AC100-I_DP SX20AC100-I_PQ SX20AC100-I_S |
Configurable Communications Controllers with EE/Flash Program Memory In-System Programming Capability and On-Chip Debug Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
|
ETC[ETC]
|
ATMEGA48 ATMEGA168 ATMEGA88 |
4K byte self-programming Flash Program Memory, 512 byte SRAM, 256 Byte EEPROM, 8 Channel 10-bit A/D-converter(TQFP/MLF). debugWIRE On-chip Debug System. Up to 24 MIPS throughput at 24 MHz. 1.8 - 5.5 Volt Operation (ATmega48V). 16K Byte self-programming Flash Program Memory, 1K Byte SRAM, 512 Bytes EEPROM, 8 Channel 10-bit A/D-converter(TQFP/MLF). debugWIRE On-chip Debug System. Up to 24 MIPS throughput at 24 MHz. 1.8 - 5.5 Volt Operation (ATmega168V). 8K Byte self-programming Flash Program Memory, 1K Byte SRAM, 512 Bytes EEPROM, 8 Channel 10-bit A/D-converter(TQFP/MLF). debugWIRE On-chip Debug System. Up to 24 MIPS throughput at 24 MHz. 1.8 - 5.5 Volt Operation (ATmega88V).
|
Atmel
|
LTC1262 LTC1262C LTC1262CN8 LTC1262CS8 LTC1262I LT |
12V, 30mA Flash Memory Programming Supply 12V的,30mA的闪存编程电 12V/ 30mA Flash Memory Programming Supply From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
PIC24F04KA200 PIC24F04KA201 |
Flash Programming Specifications
|
Microchip Technology
|
PIC18F25K20 PIC18F45K20 PIC18F24K20 PIC18F46K20 PI |
Flash Memory Programming Specification
|
Microchip Technology
|
MAX662A MAX662ACPA MAX662ACSA MAX662AEPA MAX662AES |
12V, 30mA Flash Memory Programming Supply 12V 30mA Flash Memory Programming Supply 12V / 30mA Flash Memory Programming Supply Quadruple 2-Input Exclusive-OR Gates 14-CDIP -55 to 125 Decade Counter 14-CDIP -55 to 125 SWITCHED CAPACITOR REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8 Quadruple 2-Input Exclusive-OR Gates 14-CFP -55 to 125 SWITCHED CAPACITOR REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8
|
Maxim Integrated Produc... Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AN490 |
ST10 - PROGRAMMING FLASH MEMORY OF THE ST10F166
|
SGS Thomson Microelectronics
|
LH28F160S5H-L LH28F160S5-L |
16 M-bit (2 MB x 8/1 MB x 16) Smart 5 Flash Memories (Fast Programming)
|
SHARP[Sharp Electrionic Components]
|
ST662ABD-TR ST662ACD-TR |
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
|
ST Microelectronics
|
AP1608 AP160860 |
In-circuit Programming of the C166 Family Flash Devices From old datasheet system
|
Infineon
|
ST10F163 6237 |
ST Embedded Algorithm Kernel (STEAK) for Flash Programming and Erasing From old datasheet system
|
STMicro
|