PART |
Description |
Maker |
74HCT3G04GD125 74HC3G04GD125 |
Inverter; Package: SOT996-2 (XSON8U); Container: Reel Pack, Reverse, Reverse HC/UH SERIES, TRIPLE 1-INPUT INVERT GATE, PDSO8
|
NXP Semiconductors N.V.
|
ST103SSERIES ST103S04PFN0 ST103S08PFN0 ST103S04PFL |
64K/128K x 8/9 Dual-Port Static RAM 400V 165A逆变晶闸管采用TO - 209AC(到94)封 INVERTER GRADE THYRISTORS 400V 165A Inverter Thyristor in a TO-209AC (TO-94) package 800V 165A Inverter Thyristor in a TO-209AC (TO-94) package
|
Lamina Lighting, Inc. International Rectifier
|
ST333C..CSERIES 2694 ST333C04CFM0 ST333C08CFM0 ST3 |
800V435A逆变晶闸管采用TO - 200AB(电子北辰)封装 INVERTER GRADE THYRISTORS From old datasheet system 400V 1435A Inverter Thyristor in a TO-200AB (E-Puk) package 800V 1435A Inverter Thyristor in a TO-200AB (E-Puk) package Silicon Controlled Rectifier, 1435 A, 800 V, SCR, TO-200AB, METAL CASE WITH CERAMIC INSULATOR, EPUK-3
|
International Rectifier Vishay Semiconductors
|
IRKTF112 IRKLF112 2212 IRKTF112-08HNN IRKTF111-04H |
FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR 快速晶闸管/二极管和晶闸晶闸 INT-A-pak Power Modules(8V,112A,可控二极H结构INT-A-pak 功率模块) 相依甲柏功率模块V的,112A章,可控二极结构相依甲柏功率模块 INT-A-pak Power Modules(8V,112A,可控可控L结构INT-A-pak 功率模块) INT-A-pak Power Modules(4V,112A,可控可控L结构INT-A-pak 功率模块) Receptacle AA series 3 pin female PCB Vertical - no grd or latch From old datasheet system 800V Doubler Circuit Positive Control Inverter Thyristor/Diode in a INT-A-Pak package 800V Doubler Circuit Negative Control Inverter Thyristor/Diode in a INT-A-Pak package 800V Doubler Circuit Positive Control Inverter Thyristor/Thyristor in a INT-A-Pak package 400V Doubler Circuit Positive Control Inverter Thyristor/Thyristor in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
ST203C10CFJ0 ST203C12CFJ0 |
1000V 700A Inverter Thyristor in a TO-200AB (A-Puk) package 1200V 700A Inverter Thyristor in a TO-200AB (A-Puk) package
|
International Rectifier
|
ST333S04PFL0 ST333S04PFM0 ST333S08PFL0 ST333S08PFM |
400V 518A Inverter Thyristor in a TO-209AE (TO-118) package 800V 518A Inverter Thyristor in a TO-209AE (TO-118) package
|
International Rectifier
|
NJU7665 NJU7665A NJU7665B NJU7665C NJU7665SERIES |
SMALL PACKAGE VOLTAGE INVERTER
|
New Japan Radio
|
GB15XP120KTPBF GB15XP120KPBF |
Three Phase Inverter Module in MTP Package 1200 V NPT IGBT and HEXFRED Diodes, 15 A
|
Vishay Siliconix
|
GB05XP120KTPBF GB05XP120KPBF |
Three Phase Inverter Module in MTP Package 1200 V NPT IGBT and HEXFRED Diodes, 5 A
|
Vishay Siliconix
|
IRG5K100FF06E |
600V 100A Fast IGBT 6-Pack (3-Phase Inverter) module packaged in POWIR ECO 2 package
|
International Rectifier
|
PS12033 |
Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
|
Mitsubishi Electric Semiconductor
|