PART |
Description |
Maker |
GS1B GS1A GS1M GS1D GS1G GS1J GS1K |
1 Amp Standard Recovery Rectifier Standard Rectifier (trr more than 500ns)
|
http:// MICROSEMI[Microsemi Corporation]
|
SZZ12 SRM12BTRTX SRM12SMSS SRM10BTRS SRM6SMSTX SRM |
STANDARD RECOVERY RECTIFIER 60 A, 1200 V, SILICON, RECTIFIER DIODE 60 A, 1000 V, SILICON, RECTIFIER DIODE 60 A, 600 V, SILICON, RECTIFIER DIODE 60 A, 800 V, SILICON, RECTIFIER DIODE STANDARD RECOVERY RECTIFIER
|
http:// SOLID STATE DEVICES INC Solid States Devices, I...
|
1N1202AR JANTX1N1202A 1N3673AR 1N1202A 1N1204A 1N1 |
Standard Rectifier (trr more than 500ns) Military Silicon Power Rectifier 12 A, 600 V, SILICON, RECTIFIER DIODE, DO-203AA
|
MICROSEMI CORP-LAWRENCE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
AS9C25128M2036L-250PI AS9C25128M2036L-133FC AS9C25 |
Miniature Enclosed Switches Series 914CE: Top Plunger; 1NC 1NO SPDT Snap Action; 9 foot Cable RECTIFIER STANDARD SINGLE 6A 50V 50 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.0A 1.5V TO-252 RECTIFIER STANDARD SINGLE 6A 800V 800 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 600V 600 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER BRIDGE 2A 800V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK IC REG LDO 1.5A 1.8V TO-252 RECTIFIER STANDARD SINGLE 6A 100V 100 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A POS ADJ TO-252 RECTIFIER STANDARD SINGLE 6A 1000V 1000 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 200V 200 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 400V 400 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A 3.3V TO-252 RECTIFIER BRIDGE 2A 1000V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK RECTIFIER BRIDGE 2A 600V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 6.5 ns, PBGA208 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208
|
Alliance Semiconductor Corporation Alliance Semiconductor, Corp. INTEGRATED SILICON SOLUTION INC Alliance Semiconductor Corp...
|
MC33260DR2 MC33260D 1N5924BRL MC100LVEL51DR2 |
1A 600V Fast-Recovery Rectifier 1A 1000V Standard Rectifier Zener 9.1V 3W 5%
|
ON Semiconductor
|
S204101N1199 SR204 S204100 S204101N1199A S204101N1 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation]
|
RP0017 RP0017-15 |
RECTIFIER STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
Solid States Devices, I...
|
RP0015 RP0015-15 |
RECTIFIER STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
Solid States Devices, I...
|
RP0011 RP0011-15 |
RECTIFIER STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
Solid States Devices, I...
|
M50A M60A |
Axialleaded Hermetically Sealed High Voltage Standard Recovery Rectifier Diode(反向电压6000V,平均正向电60mA,轴向引脚,密封型,高压,标准恢复整流二极管) RECTIFIER, up to 6kV, 260mA, 5μs RECTIFIER, up to 6kV, 260mA, 5楼矛s
|
Semtech Corporation
|