PART |
Description |
Maker |
UPD70108GC-8-3B6 UPD70108C-5 UPD70108C8 UPD70108LG |
TV 6C 6#8(TWINAX) SKT RECP 16-/8- Bit Microprocessor 16-Bit Microprocessor 16位微处理 TV 27C 19#20 4#16 4#12 PIN REC 16-/8-位微处理
|
NEC Corp. NEC, Corp.
|
MR80C88-2B 5962-8601601QA |
CMOS 8/16-Bit Microprocessor 16位产品的CMOS微处理器 CMOS 8/16-Bit Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
MC68EC030FE40C MC68EC030FE25C MC68EC030FE25CB1 MC6 |
32-BIT, 40 MHz, MICROPROCESSOR, CQCC132 CERQUAD-132 32-BIT, 25 MHz, MICROPROCESSOR, CQCC132 CERQUAD-132 32-BIT, 25 MHz, MICROPROCESSOR, CQFP132 CERAMIC, QFP-132 32-BIT, 25 MHz, MICROPROCESSOR, CPGA128
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
ICL7109IDL ICL7109IPL ICL7109IJL ICL7109MDL ICL710 |
12-Bit, Microprocessor- Compatible A/D Converter 1-CH 12-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, CDIP40 12-Bit/ Microprocessor- Compatible A/D Converter
|
http:// INTERSIL CORP
|
KC80524NY450128 KP80526NY500128 |
32-BIT, 500 MHz, MICROPROCESSOR, CPGA495 Microprocessor 微处理器
|
INTEL CORP Glenair, Inc.
|
MC6822 MC6808 MC6829 MC6802 MC6800P MC68B00 MC68A0 |
8-BIT MICROPROCESSING UNIT (MPU) 8-BIT, 1 MHz, MICROPROCESSOR, CDIP40 8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
ADC0802 ADC0802LCD ADC0802LD ADC0803LCWM ADC0803LD |
From old datasheet system 8-Bit, Microprocessor-August Compatible, A/D Converters 8-Bit, Microprocessor- Compatible, A/D Converters 8-Bit/ Microprocessor- Compatible/ A/D Converters
|
http:// INTERSIL[Intersil Corporation]
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
80C286 CG80C286-12 CG80C286-16 CG80C286-20 IG80C28 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 10 MHz, MICROPROCESSOR, CPGA68 ADAPT F FMALE-PUSH 0N MALE 75OHM From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
RJ80530UY850512 RJ80530LY800512 |
32-BIT, 850 MHz, MICROPROCESSOR, PBGA479 MICRO, FCBGA-479 32-BIT, 800 MHz, MICROPROCESSOR, PBGA479
|
Intel, Corp. INTEL CORP
|
RM7000A RM7000A-400T RM7000A-300T RM7000A-350T RM7 |
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache RM7000A⑩ Microprocessor with On-Chip Secondary Cache Data Sheet Released
|
PMC[PMC-Sierra, Inc]
|
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|