PART |
Description |
Maker |
PS2806-4-F3-A PS2806-1-A PS2806-1-F4 PS2806-1-F4-A |
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
|
Duracell California Eastern Labs
|
PS2703-1-F3-A PS2703-1-F3-K-A PS2703-1-F3-L-A PS27 |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
Duracell California Eastern Labs
|
PS2801 PS2801-1 PS2801-1-F3 PS2801-1-F4 PS2801-4 P |
High Isolation Volatage photocoupler(高隔离电压光光隔离器) HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
PS2761-1 PS2761-1-A PS2761-1-F3 PS2761-1-F3-A PS27 |
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
|
Duracell California Eastern Laboratories California Eastern Labs
|
PS2861H-1-F4-A PS2861H-1 PS2861H-1-A PS2861H-1-F3 |
NECs HIGH ISOLATION VOLTAGE 4-PIN SOP OPTOCOUPLER
|
CEL[California Eastern Labs]
|
PS2765-1 PS2765-1-F3 PS2765-1-F4 |
HIGH ISOLATION VOLTAGE AC INPUT 4-PIN SOP PHOTOCOUPLER 高隔离电压AC输入4引脚SOP光耦合
|
California Eastern Laboratories, Inc. California Eastern Labs
|
RF2504 |
IC,VOLTAGE-CONTROLLED OSCILLATOR,1-CHANNEL,700MHZ-1.5GHZ,BIPOLAR,SOP,8PIN,PLASTIC RF2504 VCO/High-Isolation Buffer Amplifier Preliminary From old datasheet system
|
RF Micro Devices
|
PS2701-1 PS2701-1-V PS2701-2 PS2701-2-V PS2701-4 P |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER NPN-OUTPUT DC-INPUT OPTOCOUPLER,2-CHANNEL,2.5KV ISOLATION,SO
|
NEC Corp. NEC Electron Devices NEC[NEC]
|
PS7212-1A-F4 PS7212-1A-E4 PS7212-1A-E3 PS7212-1A P |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 4-PIN SOP 100 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET 4引脚SOP打破100伏电通道光学耦合场效应晶体管
|
NEC[NEC] NEC Corp. NEC, Corp.
|
PS2501-1 PS2501-2 PS2501-4 PS2501L-1 PS2501L-2 PS2 |
High Isolation Voltage Single Transistor Type coupled Isolator(晶体管输出光电隔离器) HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
|
NEC Corp. NEC[NEC]
|
PS7360-1A PS7360L-1A PS7360L-1A-E3 PS7360L-1A-E4 |
6-PIN DIP / HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET 6引脚DIP,高隔离电压1通道光学耦合场效应晶体管 Solid State Relay(固态继电器)
|
NEC, Corp. NEC Corp. NEC[NEC]
|