PART |
Description |
Maker |
FIN1049MTCX |
LVDS Dual Line Driver with Dual Line Receiver; Package: TSSOP; No of Pins: 16; Container: Tape & Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|
DM74LS155 DM74LS155M DM74LS155N 74LS155 DM74LS156M |
Dual 2-Line to 4-Line Decoder/1-to-4 Line Demultiplexer with Open-Collector Outputs 2-To-4-Line Demultiplexer LS SERIES, OTHER DECODER/DRIVER, TRUE OUTPUT, PDSO16 Dual 2-Line to 4-Line Decoders/Demultiplexers
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
HI-8482D HI-8482U HI-8482S HI-8482J HI-8482DT HI-8 |
ARINC 429 DUAL LINE RECEIVER DUAL LINE RECEIVER, CDIP20 ARINC 429 DUAL LINE RECEIVER DUAL LINE RECEIVER, PDSO20 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN
|
Holt Integrated Circuits, Inc.
|
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
KTLP3503S |
Compact dual-in-line package
|
COSMO Electronics Corporation
|
KL3340 |
Economical 8-Pin Dual-In-Line Package
|
IK Semicon Co., Ltd
|
DIR-1B DIR-1A |
Epoxy molded Dual-In-Line package Epoxy molded Dual-In-Line package.
|
HuaXinAn Electronics CO...
|
PS21267-AP PS21267-P |
Dual-In-Line Package Intelligent Power Module
|
Mitsubishi
|
PS219B3-S |
Dual-In-Line Package Intelligent Power Module
|
Mitsubishi Electric Semiconductor
|
53115 |
Hermetically Sealed 8-Pin Dual-In-Line package
|
Micropac Industries
|
PS22A78-E |
Dual-In-Line Package Intelligent Power Module
|
Mitsubishi Electric Semiconductor
|