PART |
Description |
Maker |
LTC2656CCFE-L16PBF LTC2656CCUFD-L16PBF LTC2656CIFE |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-QFN; Temperature Range: –40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
LTC2600IGN LTC2600 |
LTC2600, 3V/5V Octal 16-bit Rail-to-rail DAC, SSOP-16
|
LINEAR
|
LTC2605CGN-1 LTC2605IGN-1 LTC2615CGN-1 LTC2615IGN- |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
Linear Technology Corporation
|
LTC2600CGNPBF LTC2600CGNTRPBF LTC2600CUFDPBF LTC26 |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PQCC20 SERIAL INPUT LOADING, 7 us SETTLING TIME, 12-BIT DAC, PQCC20 SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PQCC20 Octal 12-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
LINEAR TECHNOLOGY CORP
|
LTC2605CGN-1PBF LTC2605CGN-1TRPBF LTC2605CGNPBF LT |
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16 Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16
|
Linear Technology, Corp.
|
LTC2656BCUFD-H16PBF LTC2656BCUFD-H16TRPBF LTC2656B |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/隆?C Max Reference Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/掳C Max Reference Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC1451IN8 LTC1451IS8 LTC1451CN8 LTC1451CS8 LTC145 |
12-Bit Rail-to-Rail Micropower DACs in SO-8(3V-5V2位满幅度微功耗电压输出数模转换器(SO-8封装 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
LTC1821 LTC2630 LTC2621 LTC2624 LTC1660 LTC2600 LT |
Single 12-/10-/8-Bit Rail-to- Rail DACs Single 12-/10-/8-Bit Rail-to- Rail DACs with 10ppm/C Reference in SC70
|
Linear Technology
|
PLQ16L8-5A PLQ16L8-5N PLQ16R4-5A PLQ16R8-5A PLQ16R |
Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Fuse-Programmable PLD 保险丝,可编程的PLD
|
NIC Components, Corp.
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MIC7111 MIC7111BM5 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 1.8V IttyBitty⑩ Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBitty Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBittyTM Rail-to-Rail Input/Output Op Amp
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|