PART |
Description |
Maker |
CAT28F020_04 CAT28F020 CAT28F020G-12T CAT28F020G-9 |
256K X 8 FLASH 12V PROM, 90 ns, PQCC32 2 Megabit CMOS Flash Memory Bulk Erase Flash Memory, 2Mb
|
http:// CATALYST[Catalyst Semiconductor]
|
LH28F008SCHT LH28F008SCHT-85 LH28F008SCN-L120 LH28 |
8MBIT (1 MB x 8)Smart Voltage Flash Memory 40pin STSOP 8Mbit Flash Memory 8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY 8MBIT (1 MB x 8)Smart Voltage Flash Memory 44pin PSOP
|
Sharp Electrionic Components
|
CAT28F512HI-12T CAT28F512HI-15T CAT28F512HI-90T CA |
512K-Bit CMOS Flash Memory 512 kb CMOS Flash Memory 64K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
ON Semiconductor
|
ULQ2801A ULQ2802A ULQ2803A ULQ2804A ULQ2805A |
Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:100ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:56-TSOP; Memory Configuration:128K x 16; Memory Size:256MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes 八达林顿阵列 EIGHT DARLINGTON ARRAYS
|
STMicroelectronics N.V. Allegro MicroSystems STMICROELECTRONICS[STMicroelectronics]
|
MB84VA2103-10 MB84VA2102 MB84VA2102-10 MB84VA2103 |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
GE28F320W30B70 GE28F320W30B85 RD28F6408W30T85 28F6 |
Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:7.5mcd RoHS Compliant: Yes 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) SPECIALTY MEMORY CIRCUIT, PBGA80 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 1.8伏英特尔无线闪存伏的I / O和SRAM(宽30
|
Intel, Corp. Intel Corp.
|
LE28F4001M LE28F4001R LE28F4001R-15 LE28F4001R-20 |
4MEG (524288words x 8bit) flash memory 4 MEG (524288 words x 8 bits) Flash Memory
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
MB84VA2005-10 MB84VA20 MB84VA2004 MB84VA2004-10 MB |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
S71PL129JC0_06 S71PL129JA0 S71PL129JB0 S71PL129JC0 |
Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
|
SPANSION[SPANSION]
|