PART |
Description |
Maker |
LT1394 LT1394CS8TR |
7ns, Low Power, Single Supply, Ground-Sensing Comparator(7ns, 低功耗,单电源,地电平敏感比较器) 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology Corporation
|
LT1394 LT1394CMS8 LT1394CS8 LT1394IS8 1394F |
7ns/ Low Power/ Single Supply/ Ground-Sensing Comparator 7ns, Low Power, Single Supply, Ground-Sensing Comparator From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LT1394-15 |
7ns, Low Power, Single Supply, Ground-Sensing Comparator
|
Linear Technology
|
EL2150 EL2150CS-T13 EL2150CS-T7 EL2150CW-T7 EL2150 |
Op Amp, Video, 125MHz, SR=275V/s, Low Power, Low Voltage, Single Supply, Clamping, 100mA Output, with High Speed Disable and Power-Down 125MHz Single Supply/ Clamping Op Amps 125MHz Single Supply, Clamping Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 125MHz Single Supply, Clamping Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
MAX9075 MAX9075EUK-T MAX9075EXK-T MAX9077 MAX9077E |
Low-Cost, Ultra-Small, 3A Single-Supply Comparators Low-Cost / Ultra-Small / 3A Single-Supply Comparators Low-Cost, Ultra-Small, 3レA Single-Supply Comparators 低成本、超小型3µA、单电源比较 Low-Cost, Ultra-Small, 3レA Single-Supply Comparators COMPARATOR, 8000 uV OFFSET-MAX, 580 ns RESPONSE TIME, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TC1037 TC1037CECT TC1039 TC1038 TC1039CECH TC1038C |
The TC1037/1038/1039 are single, low-power comparators designed for low-power applications. These comparators are specifically designed for operation from a single supply. However, operation from dual supplies also is possible, and power s Linear Building Block . Single Comparator in SOT Packages
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
MAX6759 MAX6761TARAD3 MAX6762TATWD3 MAX6761TATZD3 |
Low-Power. Single/Dual-Voltage Window Detectors Circular Connector; No. of Contacts:15; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:28-17 RoHS Compliant: No ER 7C 7#8 PIN PLUG 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8 Low-Power / Single/Dual-Voltage Window Detectors CONNECTORS, INDUSTRIAL; SERIES:97/MS; CONNECTOR TYPE:CIRCULAR 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8 Low-Power, Single/Dual-Voltage Window Detectors 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
AD824AR AD824ACHIPS AD824AN AD824AR-14 AD824AN-3V |
Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp Single Supply/ Rail-to-Rail Low Power/ FET-Input Op Amp VARISTOR 14V RMS 14MM RADIAL QUAD OP-AMP, 4000 uV OFFSET-MAX, 2 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
MAX1084 MAX1084ACSA MAX1084AESA MAX1084BCSA MAX108 |
400ksps/300ksps / Single-Supply / Low-Power / Serial 10-Bit ADCs with Internal Reference From old datasheet system " 400ksps/300ksps, Single- Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference" 400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference 400ksps/300ksps、单电源、低功耗、串0位ADC,内置电压基
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
NCP301LSN23T1 NCP300LSN21T1 NCP300LSN22T1 NCP300LS |
Voltage Detector Series Automotive Catalog Low-Power 150-mA Low-Dropout Linear Regulators 5-SOT-23 -40 to 125 AB 26C 26#16 SKT PLUG 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Voltage Detector Series 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 AB 19C 19#16 SKT PLUG 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 28-12 (26 Contact) Pin Insert; For Use With:Amphenol MIL-C-5015 97 Series Crimp Circular Connectors; No. of Contacts:26 RoHS Compliant: Yes 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 97 SERIES/MS CONNECTOR CAP AND CHAIN ACCESSORIES, BODY STYLE, TERMINATION, 8S SHELL SIZE, INSERT ARRANGEMENT, GENDER, CONTACTS Single Output LDO, 150mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 Single Output LDO, 150mA, Fixed(2.8V), Low Quiescent Current, Thermal Protection 5-SOT-23 Single Output LDO, 150mA, Fixed(2.7V), Low Quiescent Current, Thermal Protection 5-SOT-23 Single Output LDO, 150mA, Fixed(2.5V), Low Quiescent Current, Thermal Protection 5-SOT-23
|
Glenair, Inc. ON Semiconductor
|
|