PART |
Description |
Maker |
LPI-C011701S-150R |
SINGLE UNIT PANEL MOUNT FLEXIBLE LIGHT TRANSPORTER
|
Electronic Theatre Controls, Inc.
|
LPI-C011701S-150C |
SINGLE UNIT PANEL MOUNT FLEXIBLE LIGHT TRANSPORTER, CLEAR LENS
|
List of Unclassifed Manufacturers LUMEX INC. ETC
|
SPC-GB-EZX-39CNA SPC-GB-EZX-61CDA SPC-GB-EZX-61CNA |
FIBER OPTIC TRANSCEIVER, 1505-1518nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1525-1538nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1345-1358nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1465-1478nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1325-1338nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1605-1618nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1425-1438nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1305-1318nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1285-1298nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1365-1378nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1405-1418nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1565-1578nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 CWDM 120 Km Gigabit Ethernet SFP Transceiver
|
Vectron International, Inc. Cypress Semiconductor Corp. Cypress Semiconductor, Corp. Mini-Circuits NXP Semiconductors N.V. http:// Source Photonics, Inc.
|
C-141-1250AC-FDFB-SLC2 C-141-1250AC-FDFB-SLC2-G5 C |
1.25 Gbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
91C1A-D20-B15 91C1D-D20-E10 91C1A-D24-B20 91A1D-B2 |
PANEL CONTROL - 5/8" (16MM) ST-CP RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.5 W, 10000 ohm Panel Mount Potentiometers 5/8" 1K 10% Square Single Turn RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.5 W, 1000 ohm Panel Mount Potentiometers 5/8" 100K 20% Square Single Turn RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.5 W, 100000 ohm Panel Mount Potentiometers 5/8" 10K 10% Square Single Turn RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.5 W, 10000 ohm RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.25 W, 25000 ohm 5/8 INCH, SQUARE, 3 PINS RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.5 W, 10000 ohm 5/8 INCH, SQUARE, 3 PINS Panel Mount Potentiometers 5/8" 10K 20% Square Single Turn RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.25 W, 10000 ohm Panel Mount Potentiometers 5/8" 10K 10% Square Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 10000 ohm Panel Mount Potentiometers 5/8" 10K 10% Square Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 1 W, 10000 ohm Panel Mount Potentiometers 5/8" 100K 10% Square Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 100000 ohm Panel Mount Potentiometers 5/8" 5K 10% Square Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 5000 ohm
|
Bourns, Inc. Ironwood Electronics
|
C1860-105-CPS C1836-110-CPS C1836-108-CPS C1836-20 |
ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
COLE INSTRUMENT CORP
|
5559-08P-210 |
4.20mm (.165) Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-0, Panel Mount, 8 Circuits
|
Molex Electronics Ltd.
|
C-127-1250-FDFB-SLC2-G5 C-129-1250-FDFB-SLC2-G5 C- |
FIBER OPTIC TRANSCEIVER, 1506-1518nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1466-1478nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1266-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR 1.25 Gbps Single Mode SFF LC Transceiver
|
Source Photonics, Inc.
|
03-09-1031 11-03-0006 11-02-0003 03-09-2031 02-09- |
Single Row Panel Mount Plug and Receptacle, 3 Circuit
|
MolexKits
|
11-03-0006 11-02-0003 02-09-1119 03-09-2021 03-09- |
Single Row Panel Mount Plug and Receptacle, 2 Circuit
|
MolexKits
|
24878-10N 24001-08S 24001-09S 24001-02 |
1 in Diameter, 1 Amp, Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 1A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED Positive Detent Provides Operator Feedback
|
Grayhill, Inc. GRAYHILL INC
|
|