PART |
Description |
Maker |
HD404082 HD404084 HD404384 HD40A4372 HD40A4372FT H |
Low-Voltage AS Microcomputers with On-Chip A/D Converter
|
Renesas Electronics Corporation
|
HCD404889 HD4074889 HD404868 HD404888 HD4074889H H |
Low-Voltage AS Microcomputers with On-Chip LCD Circuit
|
ETC[ETC] RENESAS[Renesas Electronics Corporation] Hitachi Semiconductor
|
SM6004 SM6006 |
16-Bit Single-Chip Microcomputers Low Voltage High Speed 16-Bit Single Chip Microcomputer
|
Sharp Electrionic Component... SHARP[Sharp Electrionic Components]
|
P8031AH 8051 D8751H D8031 N8031 N8051 P8051 R8751H |
8 BIT CONTROL ORIENTED MICROCOMPUTERS 面向8位控制微 RES 21K-OHM 1% 0.125W 25PPM THIN-FILM SMD-1206 TR-7-PA 8 Bit Control-Oriented Microcomputers
|
Intel Corporation Intel, Corp. Intel Corp.
|
MN101C49G MN101C49K MX101C49 |
Microcomputers/Controllers Microcomputers / Controllers 8-bit single chip microcomputer with ROM : 128K (x8-bit) / RAM : 4096 (x8-bit)
|
http:// PANASONIC[Panasonic Semiconductor] ETC
|
HD40A46812 HD40A4688 HD40A4689 HD4074889 HD407A468 |
H46XX Family Microcomputers H48XX Family Microcomputers
|
Hitachi Semiconductor
|
HD614121S HD614146S |
Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:45V; Package/Case:TO-220; Current Rating:10A; Forward Current:20A; Forward Voltage:0.84V; Mounting Type:Through Hole; Terminal Type:Radial Leaded CMOS 4bit single-chip microcomputers 的CMOS 4位单片机
|
Hitachi,Ltd. TOKO, Inc.
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
1N5524 1N5545 1N5519 1N5520 1N5521 1N5522 1N5523 1 |
Nom zener voltage:33.0V; measured from 1000-3000Hz; low voltage avalanche zener diode; high performance: low noise, low leakage Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE/ LOW LEAKAGE MSTBVA 2,5/13-G-5,08 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE LOW LEAKAGE LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
|
Electronic Theatre Controls, Inc. Knox Semiconductor Inc KNOX[Knox Semiconductor Inc] KNOX[Knox Semiconductor, Inc]
|
L88M00TSERIES L88M33T L88M00T L88M09T L88M0XT L88M |
Voltage Regulators: 5V low-saturation voltage regulator 3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator 3.32 V.5低压降稳压器 3.3 to 12 V / 0.5 A Low Dropout Voltage Regulator Monolithic Linear IC Voltage Regulators: 12V low-saturation voltage regulator Voltage Regulators: 3.3V low-saturation voltage regulator
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
NJM2284 NJM2284D NJM2284M NJM2284V |
Single, Low-Voltage, Low Power, RRO 5-SC70 -40 to 125 Quad, Low-Voltage, Low Power, RRO 14-SOIC -40 to 85 2-INPUT 3CHANNEL VIDEO SWITCH
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|