PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
M306N0FGFP M306N0FGTFP M306N0MCT-XXXFP M16C/6N M30 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single Chip 16 Bit CMOS Microcomputer M16C/6N Series Microcontrollers: For Controller Area Network Single chip 16-bit CMOS microcomputer
|
Mitsubishi Electric Semicon... Mitsubishi Electric Corporation
|
S3C9434 S3P9432 |
8-Bit Single-Chip CMOS Microcontrollers 8-bit single-chip CMOS microcontroller. OTP version.
|
Samsung Electronic
|
E0C6SB32Q14 E0C6S32 |
4-Bit Microcontroller Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,Event Counter(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较事件计数器))
|
爱普生(中国)有限公
|
M37516M6-A05 M37516M6-A05HP M37516M6-A06HP M37516M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 7470/71 Series Microcontrollers: Small Package, Low Cost Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
GMS97C1051-24D GMS97L1051 GMS97L2051 GMS97L1051-D |
8-Bit CMOS Microcontorller CMOS SINGLE CHIP 8-BIT MCS-51 COMPATIBLE MICOROCONTROLLER(CMOS单芯8和MCS-51兼容的微控制 REMOTE CONTROLLER
|
Hynix Semiconductor Inc. 微控制器
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|