PART |
Description |
Maker |
609-1312-130 609-1312-120 609-1222-140 609-1222-13 |
LED Panel Mount Indicators for 9mm Mounting Hole
|
Dialight Corporation
|
CPE-755S |
panel mount piezo indicators
|
CUI INC,
|
CPE-751 |
panel mount piezo indicators
|
CUI INC,
|
TLOE53T TLYE53T TLFGE53T TLGE53T TLPGE53T TLPYE53T |
InGaAlP LED - Panel Circuit Indicators TOSHIBA InGaALP LED
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
678-930-00-51 678-111-71 678-114-21 678-114-22 678 |
T-4 SINGLE COLOR LED, GREEN, 10 mm PROFESSIONAL LED INDICATORS ?16mm Mounting PROFESSIONAL LED INDICATORS ?16mm Mounting PROFESSIONAL LED INDICATORS 篓陋16mm Mounting
|
MARL INTERNATIONAL LTD Marl International Limited
|
HSMX-A2-XX-XXXXX HSMF-A201-A00J1 HSMF-A201-XXXXX H |
Surface Mount LED Indicators, PLCC-4 SMT LEDs
|
AVAGO TECHNOLOGIES LIMITED
|
SPC-GB-EZX-39CNA SPC-GB-EZX-61CDA SPC-GB-EZX-61CNA |
FIBER OPTIC TRANSCEIVER, 1505-1518nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1525-1538nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1345-1358nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1465-1478nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1325-1338nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1605-1618nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1425-1438nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1305-1318nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1285-1298nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1365-1378nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1405-1418nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1565-1578nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 CWDM 120 Km Gigabit Ethernet SFP Transceiver
|
Vectron International, Inc. Cypress Semiconductor Corp. Cypress Semiconductor, Corp. Mini-Circuits NXP Semiconductors N.V. http:// Source Photonics, Inc.
|
MV37509-MP5 MV37509-MP6 MV37509-MP7 MR5310.MP1 MR5 |
T-3/4 SINGLE COLOR LED, YELLOW, 2.03 mm T-1 SINGLE COLOR LED, RED, 3 mm CONNECTOR ACCESSORY T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm PCB MOUNT LED INDICATORS SINGLE COLOR LED, GREEN, 2.03 mm AB 48C 48#16 PIN PLUG SINGLE COLOR LED, RED, 2.03 mm RECTIFIER SCHOTTKY DUAL 15A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO-220AB 50/TUBE T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED ARRAY, BRIGHT RED, 3 mm PCB MOUNT LED INDICATORS T-1 DUAL COLOR LED ARRAY, BRIGHT RED/GREEN, 3 mm Soldering and Rework System; Approval Categories:IEC 61000-6-1,EC 61000-6-3 and UL499, FCC CFR Part 15; Depth:8" PCB安装LED指示 PCB MOUNT LED INDICATORS T-3/4 SINGLE COLOR LED, RED, 2 mm TV 55C 55#22D PIN PLUG T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, RED, 5 mm PORT PROTECTOR DB15HD T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, ULTRA BRIGHT HIGH EFFICIENCY RED, 5 mm RECTIFIER SCHOTTKY DUAL 15A 60V 150A-ifsm 0.9V-vf 1mA-ir TO-220AB 50/TUBE T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm PCB MOUNT LED INDICATORS SINGLE COLOR LED, RED, 2.03 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, YELLOW, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, HIGH EFFICIENCY RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, GREEN, 5 mm PCB MOUNT LED INDICATORS T-3/4 SINGLE COLOR LED, RED, 2.03 mm PCB MOUNT LED INDICATORS T-3/4 SINGLE COLOR LED, GREEN, 2.03 mm PCB MOUNT LED INDICATORS SINGLE COLOR LED, YELLOW, 2.03 mm PCB MOUNT LED INDICATORS PCB安装LED指示 TV 6C 6#12 SKT PLUG Circular Connector; No. of Contacts:6; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-6 Circular Connector; No. of Contacts:6; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:17-6 Circular Connector; No. of Contacts:12; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-97 TV 5C 5#16 SKT WALL RECP TV 55C 55#22D SKT WALL RECP PC PARALLEL ADAPTER, DB25M AT ADAPT .9F-25F CBL 10CM TV 4C 4#12 SKT PLUG Circular Connector; MIL SPEC:MIL-DTL-5015; Body Material:Metal; Series:AIB; No. of Contacts:7; Connector Shell Size:24; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight RoHS Compliant: No Fully Differential Input/Output High Slew Rate Amplifier 8-SOIC -40 to 85 PC PARALLEL ADAPTER DB25 MALE TO CENTRONICS 36 FEM AB 2C 2#16S SKT PLUG TRANS PREBIASED PNP 150MW SOT523 Circular Connector; No. of Contacts:12; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-97 SLIMLINE DB9M/DB25F SLIMLINE DB9F/DB25M PORT PROTECTOR DB15HD CTV 2C 2#16 PIN PLUG Solder Rework Auto sleep cradle - green CTV 8C 8#16 SKT PLUG Solder Auto, Sleep Workstand, Green RECTIFIER SCHOTTKY DUAL 10A 60V 125A-ifsm 0.8V-vf 0.1mA-ir TO-220AB 50/TUBE Tools; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Variable Frequency Drive Composite Cable; Composite Conductor Types:3 Conductors 1 Pair; Number of Conductors:5; Conductor Size AWG:16-10; No. Strands x Strand Size:26 x 30, 105 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes PT 19C 19#20 SKT PLUG TRANS PREBIASED PNP 200MW SOT323 RECTIFIER SCHOTTKY DUAL 10A 50V 125A-ifsm 0.8V-vf 0.1mA-ir TO-220AB 50/TUBE Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Composite; Series:CTV06; No. of Contacts:10; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight PCB MOUNT LED INDICATORS
|
QUALITY TECHNOLOGIES CORP QT[QT Optoelectronics] http://
|
TLWF1109T11 |
Panel Circuit Indicators
|
Toshiba Semiconductor
|
TLSM1060 TLRMM1060 TLOM1060 TLRM1060 |
Panel Circuit Indicators
|
Toshiba Semiconductor
|
TLYM1060 |
Panel Circuit Indicators
|
Toshiba Semiconductor
|
|