PART |
Description |
Maker |
VTR16D1H |
Photon detection for tomorrows cutting-edge applications.
|
List of Unclassifed Man...
|
CUTFOX-S-VDE-DB |
Inductively hardened blades for long-term stable cutting performance
|
PHOENIX CONTACT
|
CRIMPFOX-16-S |
Crimping pliers for ferrules up to 16 mm2
|
PHOENIX CONTACT
|
CRIMPFOX-10S |
These compact crimping pliers have been designed to reduce effort when working
|
PHOENIX CONTACT
|
UNIFOX-SR-6 |
The mounting pliers feature ergonomic two-component safety handles
|
PHOENIX CONTACT
|
CRIMPFOX-UR-10 |
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
|
PHOENIX CONTACT
|
UNIFOX-C-VDE-DB |
Excellent transformation ratios for excellent gripping and cutting performance
|
PHOENIX CONTACT
|
P19-0121 P19-2221 P19-0621 |
Two Part Spring Probe, 1.90mm centres, Spear Head INTERCONNECTION DEVICE Two Part Spring Probe, 1.90mm centres, Convex Head
|
Harwin PLC HARWIN INC
|
UNIFOX-P-VDE |
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
|
PHOENIX CONTACT
|
HDSP-A15X HDSP-780X HDSP-750X HDSP-740X HDSP-A40X |
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays HDSP-A153-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7501-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7803-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A151-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7401-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7802-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7403-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-DD000 · 7.6mm (0.3 in) Micro Bright Seven Segment Displays HDSP-7507-CD000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7801-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7502-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays
|
Agilent(Hewlett-Packard... HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
UNIFOX-CT-4 |
Cable binder pliers, for plastic cable binders with a width of 2.2 - 4.8 mm, for a material thickness of up to 1.6 mm
|
PHOENIX CONTACT
|
1205833 |
Replacement piston for the crimping pliers ZAP 25 and ZAP 100
|
PHOENIX CONTACT
|