PART |
Description |
Maker |
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
60S05-13 |
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts Glass Passivated Chip
|
Micro Commercial Compon...
|
15SMC68CA 1.5SMC100CA 1.5SMC10CA 1.5SMC8.2CA 1.5SM |
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 6.8 THRU 200 VOLTS Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压8.2V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压7.5V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压9.1V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压13V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(击穿电压12V,双向玻璃钝化节点瞬变电压抑制 BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(?荤┛?靛?13V,????荤???????????靛??????
|
Central Semiconductor Corp. Central Semiconductor, Corp. Electronics Industry Public Company Limited http:// Central Semiconductor C...
|
AB80-C1500RG AB380-C1500RG AB250-C1500RG AB40-C150 |
200 V, 1.5 A Avalanche glass passivated bridge rectifier 900 V, 1.5 A Avalanche glass passivated bridge rectifier 600 V, 1.5 A Avalanche glass passivated bridge rectifier 100 V, 1.5 A Avalanche glass passivated bridge rectifier
|
EIC discrete Semiconductors
|
GS1J-T1 GS1J-T3 GS1A GS1M-T3 GS1A-T1 GS1A-T3 GS1B- |
CHOKE RF CONFORMAL COATED 0.68UH 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 安培表面贴装玻璃钝化整流 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE, DO-214AC
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd. WON-TOP ELECTRONICS CO LTD
|
DGP30 CGP30 |
Clamper/Damper Glass, Passivated Rectifier, Forward Current 3.0A, Reverse Voltage 1400 to 1500V Clamper/Damper Glass Passivated Rectifier
|
VISAY[Vishay Siliconix]
|
BYW95BG |
Fast Recovery Pack: DO-201AD FAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞400V CURRENT拢潞 3.0A FAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE?00V CURRENT?/a> 3.0A
|
Gulf Semiconductor
|
UF5400 UF5401 UF5402 UF5403 UF5404 UF5405 UF5406 U |
Ultra Fast Recovery Pack: DO-201AD ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 3.0A ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 3.0A
|
Gulf Semiconductor
|
GS3A-B GS3B-B GS3D-B GS3G-B GS3J-B GS3K-B GS3M-B |
Standard Recovery Pack: SMB SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 3.0A
|
Gulf Semiconductor
|
EGP10A- EGP10K EGP10A EGP10B EGP10C EGP10D EGP10F |
-1.0 Ampere Glass Passivated High Efficiency Rectifiers 1.0 Ampere Glass Passivated High Efficiency Rectifiers(平均整流电流1.0安培高效率玻璃钝化整流器) 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|