PART |
Description |
Maker |
0878746001 87874-6001 |
5.08mm (.200), 2.54mm (.100) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus?/a> Pa-S Header, Through Hole, Right Angle, Beveled Metal Pins MOLEX Connector
|
http:// Molex Electronics Ltd.
|
A-70280-0115 0010897720 010-89-7720 |
2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 72 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107) PC Tail 2.54mm (.100") Pitch C-Grid垄莽 Breakaway Header, Dual Row
|
Molex Electronics Ltd.
|
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
0022282048 22-28-2048 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with Backwalls Removed 2.54mm (.100) Pitch KK庐 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, with Backwalls Remove 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating, with Backwalls Rem
|
Molex Electronics Ltd.
|
0022282033 22-28-2033 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 3 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK庐 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 3 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 3 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
87911-5411 0879115411 |
2.54mm (.100) Pitch C-Grid? Header, Right Angle, Through Hole, 54 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Tube Packaging, Lead-free 2.54mm (.100) Pitch C-Grid庐 Header, Right Angle, Through Hole, 54 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, Tube Packaging, Lead-free 2.54mm (.100) Pitch C-Grid垄莽 Header, Right Angle, Through Hole, 54 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating, Tube Packaging, Lead-free
|
Molex Electronics Ltd.
|
22-28-4154 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 15 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, 15 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
0702800458 70280-0458 |
2.54mm (.100") Pitch C-Grid庐 Breakaway Header, Dual Row, Vertical, HighTemperature, 100 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, Tin (Sn) PC Tail 2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, HighTemperature, 100 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail
|
Molex Electronics Ltd.
|
A-7478-06A501 22-12-2064 |
2.54mm (.100) Pitch KK庐 Solid Header, Right Angle, with Friction Lock, 6 Circuits, 0.51渭m (20渭) Gold (Au) Plating 2.54mm (.100) Pitch KK? Solid Header, Right Angle, with Friction Lock, 6 Circuits, 0.51μm (20μ) Gold (Au) Plating
|
Molex Electronics Ltd.
|
|