PART |
Description |
Maker |
Z00-24 Z00-16 Z00-4 Z00-10 Z00-6 ZE-24 ZE-04 ZE-6 |
IC,SERIAL EEPROM,NOR FLASH,CMOS,LDCC,20PIN,PLASTIC IC,EPLD, ALTERA,3256A,144TQFP IC MAX 7000 CPLD 192 160-PQFP IC MAX 7000 CPLD 256 100-TQFP IC MAX 7000 CPLD 64 84-PLCC OVERLOAD RELAY 0.4 TO 0.6A NanoPower Voltage Detectors UEBERLASTRELAIS DIL E 0.16 BIS 0.24 UEBERLASTRELAIS迪勒的位.16国际清算银行0.24 FUSE, 2AG SLO-BLO, SUBMINIATURE, GLASS BODY, 5A, 125V 过载继电070A
|
Electronic Theatre Controls, Inc. NEC, Corp.
|
YGV617QFP144 YGV617QFP160 |
IC MAX 7000 CPLD 64 44-PLCC IC CONFIG DEVICE 4MBIT 100-PQFP 非VGA视频控制
|
Bourns, Inc.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MH |
IC ACEX 1K FPGA 50K 208-PQFP Crystal Oscillator FPGA, FLEX 6000, 24K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6024; Logic IC function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes IC MAX 7000 CPLD 128 100-TQFP IC ACEX 1K FPGA 30K 208-PQFP MAX 3000A CPLD 64 MC 44-PLCC Cyclone II FPGA 5K TQFP-144 Stratix II FPGA 60K FBGA-1020 Cyclone II FPGA 5K PQFP-208 Stratix II FPGA 30K FBGA-672 Cyclone FPGA 12K PQFP-240 MAX II CPLD 1270 LE 256-FBGA Stratix II FPGA 15K FBGA-484 IC APEX 20KE FPGA 100K Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Cyclone II FPGA 35K FBGA-672 CONFIGURATION DEVICE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes MAX 3000A CPLD 256 MC 144-TQFP 晶体振荡 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No
|
Pletronics
|
YF48D12-830 YF48D15-660 YF24D12-625 YFW24D15-500 |
Cyclone II FPGA 8K TQFP-144 MAX 3000A CPLD 64 MC 44-TQFP MAX II CPLD 240 LE 100-TQFP 模拟IC STRATIX III FPGA 150K 1152BGA 模拟IC
|
Integrated Device Technology, Inc. Electronic Theatre Controls, Inc.
|
ATF1502AS-15AC44 ATF1502ASL-25AU44 ATF1502ASL-25JU |
Highperformance EEPROM CPLD EE PLD, 10 ns, PQFP44 10NS, PLCC, IND TEMP, ROHS-A(EPLD) EE PLD, 15 ns, PQCC44
|
ATMEL Corporation
|
KA358 KA358A KA358AD KA358AS KA358D KA358S KA2904 |
V CC
OUT1
IN1(-)
Dual Operational Amplifier Dual Operational Amplifier DUAL OP-AMP, 7000 uV OFFSET-MAX, PDSO8 Dual Operational Amplifier DUAL OP-AMP, 10000 uV OFFSET-MAX, PDSO8 Dual Operational Amplifier DUAL OP-AMP, 7000 uV OFFSET-MAX, PDIP8
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC34002BDR2 |
DUAL OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO8
|
ON SEMICONDUCTOR
|
EHA7-2622-2 |
OP-AMP, 7000 uV OFFSET-MAX, 100 MHz BAND WIDTH, CDIP8
|
ELANTEC
|
YSS241F |
MAX II CPLD 1270 LE 256-MBGA 消费性IC
|
SIEMENS AG
|
|