PART |
Description |
Maker |
8J102-H-5 8J203-H 8J302-H 8J302-H-5 8J303-H-5 8J10 |
RESISTOR, TEMPERATURE DEPENDENT, NTC, 1000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 20000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 3000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 30000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 10000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 15000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 2000 ohm, SURFACE MOUNT RESISTOR, TEMPERATURE DEPENDENT, NTC, 500 ohm, SURFACE MOUNT
|
Vishay Intertechnology, Inc.
|
MVS3225P151 MVS4032P181 MVS4032P121 MVS3225P181 MV |
RESISTOR, VOLTAGE DEPENDENT, 125 V, 6 J, SURFACE MOUNT CHIP, 3225, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 150 V, 13 J, SURFACE MOUNT CHIP, 4032, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 100 V, 9 J, SURFACE MOUNT CHIP, 4032, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 150 V, 6.5 J, SURFACE MOUNT CHIP, 3225, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 85 V, 3 J, SURFACE MOUNT CHIP, 3225, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 14 V, 1.1 J, SURFACE MOUNT CHIP, 4032, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 85 V, 7 J, SURFACE MOUNT CHIP, 4032, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 14 V, 0.6 J, SURFACE MOUNT CHIP, 3225, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 100 V, 4 J, SURFACE MOUNT CHIP, 3225, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 125 V, 11 J, SURFACE MOUNT CHIP, 4032, ROHS COMPLIANT RESISTOR, VOLTAGE DEPENDENT, 170 V, 15 J, SURFACE MOUNT CHIP, 4032, ROHS COMPLIANT
|
MERITEK Electronics, Corp.
|
VZ18E201KBS-V VZ18E241KBS-V |
RESISTOR, VOLTAGE DEPENDENT, 175 V, 160 J, CHASSIS MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 200 V, 195 J, CHASSIS MOUNT RADIAL LEADED
|
Vishay Intertechnology, Inc.
|
V56ZA20 V120ZS6 V120ZS20X10 V100ZS05 V120ZS1 V120Z |
RESISTOR, VOLTAGE DEPENDENT, 45 V, 30 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 102 V, 22 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 102 V, 33 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 81 V, 2.5 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 102 V, 6 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 102 V, 12 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 81 V, 20 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 81 V, 10 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 8 V, 0.6 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 102 V, 3 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 81 V, 5 J, THROUGH HOLE MOUNT
|
Intersil, Corp.
|
MOV150ZA10 MOV56ZA3 MOV120ZA6 MOV18ZA05 MOV120ZA1 |
RESISTOR, VOLTAGE DEPENDENT
|
Harris, Corp.
|
SIOV-CN1812K14G |
RESISTOR, VOLTAGE DEPENDENT, 18 V, 1.7 J, SURFACE MOUNT
|
SIEMENS AG
|
SIOV-S07S60AGS2 |
RESISTOR, VOLTAGE DEPENDENT, 85 V, 4.8 J, THROUGH HOLE MOUNT
|
SIEMENS AG
|
D5623ZOV200RA0R15 D5644ZOV200RA0R15 D5658ZOV200RA0 |
RESISTOR, VOLTAGE DEPENDENT, 26 V, 0.15 J, THROUGH HOLE MOUNT
|
Maida Development Company
|
AVY20K1103050R AVY20K602003A AVY20K1103050B AVY20K |
RESISTOR, VOLTAGE DEPENDENT, 26 V, 17 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 26 V, 1.9 J, THROUGH HOLE MOUNT
|
Stackpole Electronics, Inc.
|
SIOV-SR2220S14BAUTOS SIOV-S20K30AUTO SIOV-SR1210S1 |
RESISTOR, VOLTAGE DEPENDENT, 16 V, 3.6 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 34 V, 26 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 16 V, 0.8 J, THROUGH HOLE MOUNT RESISTOR, VOLTAGE DEPENDENT, 16 V, 1.7 J, THROUGH HOLE MOUNT
|
SIEMENS AG
|
|