PART |
Description |
Maker |
SP232AEN/TR SP232AET/TR SP312ACT/TR SP233ACT/TR SP |
DUAL LINE TRANSCEIVER, PDSO16 Enhanced RS-232 Line Drivers/Receivers Enhanced RS-232 Line Drivers/Receivers
|
EXAR CORP Sipex Corporation
|
SP310AET SP312AET SP312ACT SP312AET-L SP312AET-L_T |
Enhanced RS-232 Line Drivers/Receivers DUAL LINE TRANSCEIVER, PDSO18
|
Exar Corporation
|
ST2054BD SP312ACT_TR SP233ACT_TR SP232ACT_TR SP312 |
Enhanced RS-232 Line Drivers/Receivers
|
SIPEX[Sipex Corporation]
|
ADM206E ADM213E ADM207E ADM208E ADM211E ADM206EAN |
0.3-6V; 800-1000mW; EMI-EMC-compliant, -15kV ESD protected RS-232 line driver/receiver. For laptop computers, notebook computers, printers, peripherals and modems EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers, 5 Receivers and Shutdown and Enable Pins EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers & 4 Receivers EMI/EMC Compliant, 5kV Protected, 230kBPS, RS-232 Transceiver with 5 Drivers & 3 Receivers EMI-EMC-Compliant, 15 kV ESD Protected, RS-232 Line Drivers/Receivers EMI/EMC Compliant, 615 kV ESD Protected, RS-232 Line Driver/Receiver in a 24-Pin SO Package
|
Analog Devices
|
MAX232A MAX232C MAX232D MAX244 MAX232CPE MAX236 MA |
5V-Powered, Multichannel RS-232 Drivers/Receivers 5V-Powered / Multichannel RS-232 Drivers/Receivers Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:17-35 +5V-Powered,Multi-Channel RS-232 Drivers/Receivers Circular Connector; No. of Contacts:29; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No LJT 6C 6#22M PIN PLUG +5V-Powered,Multichannel RS-232 Drivers/Receivers +5供电,多路RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors HEX LINE TRANSCEIVER, PQCC44 +5V-Powered,Multichannel RS-232 Drivers/Receivers +5v-powered,多路RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 TV 37C 37#22D SKT RECP 5 LINE DRIVER, PDSO20 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDIP24 Quadruple Bus Buffer Gates With 3-State Outputs 14-PDIP -40 to 85 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 5V RS-232 Transceivers with 0.1uF External Capacitors
|
Maxim Integrated Products, Inc. Buffer和线驱动 MAXIM INTEGRATED PRODUCTS INC
|
ICL3244 ICL3244CA ICL3232 ICL3238 ICL3224 ICL3244I |
1Microamp/ 3V to 5.5V/ 250kbps/ RS-232 Transceiver with Enhanced Automatic Powerdown 1 Microamp Supply-Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers 1 Microamp/ 3V to 5.5V/ 250kbps/ RS-232 Transceivers with Enhanced Automatic Powerdown 1mA, 3V To 5.5V, 250kbps, RS-232 Transceivers With Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R TRIPLE LINE TRANSCEIVER, PDSO28
|
Intersil, Corp.
|
UT232AG-S16-R UT232AG-D16-T |
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
|
Unisonic Technologies
|
SP304CS SP304CT SP304ET SP304 SP304ES |
From old datasheet system RS-232/RS-422 Line Drivers/Receivers
|
SIPEX[Sipex Corporation]
|
ADM230L-ADM241L ADM233L ADM235L ADM236L ADM223 ADM |
Low Power, 5V CMOS RS-232 100kBPS Transceiver with 3 Drivers, 5 Receivers and an Enable Pin Low Power, 5V CMOS RS-232 100kBPS Transceiver with 2 Drivers/Receivers Low Power, 5V CMOS RS-232 100kBPS Quad Driver Low Power, 5V CMOS RS-232 Transceiver with 2 Drivers and 2 Receivers 5V CMOS RS-232 Transceiver with 4 Drivers, 5 Receivers and Shutdown and Enable Pins Low Power, 5V CMOS RS-232 100kBPS Transceiver with 4 Drivers, 3 Receivers and Shutdown and Enable Pins Low Power, 5V CMOS RS-232 Transceiver with 5 Drivers, 5 Receivers, Shutdown and Enable Pins. No External Capacitors Required Low Power, 5V CMOS RS-232 120kBPS Transceiver with 2 Drivers & 2 Receivers. No External Capacitors Required 5 V Powered CMOS RS-232 Driver/Receivers Low Power, 5V CMOS RS-232 Interface Device with 5 Drivers and a Shutdown Feature
|
Analog Devices
|
ADM3202ARUZ-REEL7 ADM3202ARN-REEL ADM3222ARSZ ADM3 |
Low Power, 3.3 V, RS-232 Line Drivers/Receivers Low Power, 3.3 V, RS-232 Line Drivers/Receivers
|
Analog Devices
|
ICL3226E ICL3244ECA ICL3244ECA-T ICL3244ECAZ ICL32 |
RS-232 Transceiver, 1T/1R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Enhanced Auto Powerdown RS-232 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Enhanced Auto Powerdown 15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
INTERSIL[Intersil Corporation]
|