PART |
Description |
Maker |
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
TXC04222 |
28-Channel Dual Bus High Density Mapper
|
Transwitch
|
MT4953 |
Dual P-Channel High Density Trench MOSFET
|
matrix microtech
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
PM8316 |
High Density 84-Channel T1/E1/J1 Framer with Integrated VT/TU Mappers and M13
|
PMC-Sierra
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
AN82 |
HIGH-DENSITY MULTI CHANNEL OC-48 LAYOUT GUIDELINES FOR THE Si5100 AND Si5110
|
Silicon Laboratories Inc.
|
WNM2023-3TR WNM2023 |
N-Channel MOSFET Single N-Channel, 20V, 3.2A, Power MOSFET Supper high density cell design
|
TY Semiconductor Co., Ltd
|
PC817SERIES PC817 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER High Density Mounting Type Photocoupler
|
Sharp Electronics Corp.
|
1032-60LG_883 1032-60LJ 1032-60LJI 1032-60LT 1032- |
High-Density Programmable Logic In-System Programmable High Density PLD
|
LATTICE[Lattice Semiconductor]
|