PART |
Description |
Maker |
TP87C54 TP87C54-20 TN87C54-20 AN87C54-20 AP87C54 A |
From old datasheet system CHMOS Single-Chip 8-Bit Microcontoller with 16 KBytes User Programmable EPROM CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
|
Intel Corporation
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
EE87C51FB1SF76 |
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
Intel Corporation
|
87C51FA 87C51FC-20 87C51F TN87C51FA TN87C51FB TN87 |
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
INTEL[Intel Corporation]
|
8XC54 8XC58 8XC52 80C52 80C32 87C52 87C54 |
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
Intel Corp. Advanced Analogic Technologies
|
MD80C51 |
CHMOS Single-Chip 8-Bit Microcontroller
|
Matra Design Semiconductor
|
P80C31BH-1 80C31BH |
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER CHMOS单片8位微控制
|
Intel, Corp.
|
83L51FA 8XL51FA 83L51FB 8XL51FB 8XL51FC |
LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS 低压CHMOS单片8位微控制
|
Intel Corp. Intel, Corp. http://
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|