PART |
Description |
Maker |
68-536-11 28-536-11 20-536-11 32-536-11 |
SOCKEL PLCC NULLSTECKKRAFT 68POL SOCKEL PLCC NULLSTECKKRAFT 28POL IC SOCKET PLCC ZIF 20 WAY SOCKEL PLCC NULLSTECKKRAFT 32POL 佐克尔PLCC NULLSTECKKRAFT 32POL
|
Aries Electronics, Inc.
|
CA-PLCC84-Z-C-T-01 |
PLCC Carrier Adaptor 84 position PLCC ZIF socket to 84 position PLCC clip with test points.
|
Ironwood Electronics.
|
HSMD-A100-K4PJ2 HSMM-A101-R00J1 HSMV-A100-S80J1 HS |
PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
504-99-100-24-000 504-99-020-24-000 504-99-028-24- |
Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail 塑料引线芯片载体封装(PLCC)插座焊 TV 30C 10#20 13#16 4#12(COAX)
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
CA-PLCC068-Z-P-T-01 |
CARRIER ADAPTOR 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
|
Ironwood Electronics.
|
CA-PLCC68-D-C-T-01 |
Carrier Adaptor (CA): 68 position PLCC production socket with test points to 68 position PLCC clip base. 1:1 pin mapping.
|
Ironwood Electronics.
|
LUCL9312AP-DT LUCL9312AP-D LUCL9312GP-D LUCL9312GP |
Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications PLCC-Socket-Adapter 32-pin DIL to 32-pin PLCC for 8-Bit EPROMs
|
http://
|
CA-PLCC68-D-P-T-01 |
CARRIER ADAPTOR: 68 position PLCC socket with test points to 68 position PLCC socket plug.
|
Ironwood Electronics.
|
A-CCS20-G A-CCS20-Z A-CCS-20-G A-CCS-20-Z-T A-CCS4 |
PLCC SOCKET SOLDER TAIL PLCC SOCKET 68 PIN, TIN PLCC SOCKET SOLDER TAIL
|
Assmann Electronics Inc. Assmann Electronics Inc...
|
EF68B50J EF68B50CV EF68B50JV EF6850FN EF6850C EF68 |
EIA/ITU PABX SLIC with 40mA Loop Feed; Temperature Range: 0°C to 70°C; Package: 24-SOIC Low Power SLIC with Battery Switch; Temperature Range: -40°C to 85°C; Package: 28-PLCC ITU CO/PABX SLIC with Low Power Standby; Temperature Range: 0°C to 70°C; Package: 28-PLCC Extended Reach Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC Communications Interface 通信接口 Low Power SLIC with Battery Switch; Temperature Range: -40°C to 85°C; Package: 28-PLCC 通信集成电路 Telecommunication IC 通信集成电路
|
TE Connectivity, Ltd.
|
QTLP670C QTLP670C-23 QTLP670C-24 QTLP670C-34 QTLP6 |
MS27467E11B13P SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4 HER / Yellow Surface Mount LED Lamp - Standard Bright PLCC-4 HER / Green Surface Mount LED Lamp - Standard Bright PLCC-4 Yellow / Green Surface Mount LED Lamp - Standard Bright PLCC-4 AlGaAs Red / Green Surface Mount LED Lamp - Standard Bright PLCC-4
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|