PART |
Description |
Maker |
JAN1N5300U JANS1N5314UR-1 1N5283UR-1 1N5284UR-1 1N |
Current Limiter Diode Single Inverter Gate 5-SOT-23 -40 to 85 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.43 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB 4-Pin DIP Phototransistor Output Optocoupler 1.4 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 3.6 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.27 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 4.3 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.33 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 1.4 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.91 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.39 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.3 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB Pulse-Width-Modulation (Pwm) Control Circuit 16-SOIC 0 to 70 CURRENT REGULATOR DIODES
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
LT3972EDD-PBF LT3972IDD-PBF LT3972EMSE-PBF LT3972E |
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current, MSOP-10 6.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75μA Quiescent Current
|
Linear Technology, Corp.
|
EL7513IWTZ-T7A EL7513IY EL7513IWT-T7 EL7513 EL7513 |
White LED Step-Up Regulator 0.5 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 Regulator, Step up, Constant Current Boost for 12 White LEDs, VIN =2.6/13.2V, VOUT =18V Max, 1MHz
|
Intersil, Corp. 稳压 Intersil Corporation
|
LTC1879 LTC1879EGN |
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current 1.2A Synchronous Step-Down Regulator with 15uA Quiescent Current
|
Linear Technology
|
LT3970EMS-3.3-PBF LT3970EMS-3.3-TRPBF LT3970EMS-5- |
40V, 350mA Step-Down Regulator with 2.5楼矛A Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5μA Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead Plastic MSOP, Temp E –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead (3mm × 2mm) Plastic DFN, Temp I –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
EDI8F8512C85B6I EDI8F8512LP85BSC EDI8F8512C85BSI E |
Monolithic 1A Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R Monolithic 1A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 4-Channel DC/DC Controller; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R Monolithic 600mA Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP High Frequency PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP Monolithic 2A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R Monolithic 2A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM模块 Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8的SRAM模块 Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM模块
|
Electronic Theatre Controls, Inc. Glenair, Inc. Amphenol, Corp.
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
LM2575 LM2575-3.3 LM2575-ADJ LM2575-12 LM2575T-5 L |
EASY SWITCHERE1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 52 kHz SWITCHING FREQ-MAX, PSFM5 Precision Chopper-Stabilized Advanced LinCMOS(TM) Operational Amplifier 8-SOIC -55 to 125 EASY SWITCHERE?/a> 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc.
|
LT3991 LT3991EDDPBF LT3991EDDTRPBF LT3991EMSEPBF L |
55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
|
Linear Technology
|
LT3971EDDPBF LT3971IDDTRPBF LT3971IDDPBF LT3971EMS |
38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
|
Linear Technology
|
LTC1879EGN |
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
|
http://
|
|