PART |
Description |
Maker |
193AB2500B 193AB1500B 192AB2000B |
HEATSINK 0.32C/W HEATSINK 0.4C/W 散热.4C / HEATSINK 0.62C/W 散热.62C /
|
JKL Components, Corp. AVX, Corp.
|
CQ218I-25DLEADFREE CQ218I-25NLEADFREE CQ218I-40MLE |
400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 25 AMP TRIAC 200 THRU 800 VOLTS 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-48 ISOLATED TAB TRIAC 6.0AMP, 200 THRU 800 VOLTS 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 25 AMP TRIAC 200 THRU 800 VOLTS 400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-48 200 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
HNT640 HNT616 HIT625 HNT216 |
600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218
|
|
530101B00150 |
For use with TO-218 packages
|
AAVID[Aavid Thermalloy, LLC]
|
513201B02500 |
For use with TO-218 packages
|
AAVID[Aavid Thermalloy, LLC]
|
STB20NM5007 STB20NM50 STP20NM50 STB20NM50-1 STP20N |
N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh Power MOSFET N-channel 500V - 0.20ヘ - 20A - TO220/FP-D2PAK-I2PAK MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
BDV65A |
12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-218
|
CENTRAL SEMICONDUCTOR CORP
|
STMICROELECTRONICS-BU208A BU508A |
8 A, 700 V, NPN, Si, POWER TRANSISTOR, TO-218
|
STMICROELECTRONICS
|
BB-218-56XT |
RING INSULKRIMP TAPED (BB-218-56XT)
|
Molex Electronics Ltd.
|
05738 05738-2 |
HEATSINK CROSSFLOW, MINI MOD (40 HG, SLOTTED) 散热器横流,迷你国防部(40汞,开槽) HEATSINK CROSSFLOW MINI MOD (40 HG SLOTTED)
|
Vicor, Corp. VICOR[Vicor Corporation]
|
|