PART |
Description |
Maker |
ATMEGA16-16AC ATMEGA16-16AI ATMEGA16L-8AC ATMEGA16 |
8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP44 CONNECTORS, INDUSTRIAL; SERIES:97/MS; CONNECTOR TYPE:CIRCULAR; ER 3C 3#12 PIN RECP BOX
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
ATMEGA8515-16MC ATMEGA8515-8AC ATMEGA8515-8JI ATME |
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash 8-bit microcontroller with 8K bytes In-system programmable flash. Speed 16 MHz. Power supply 4.5 - 5.5 V.
|
Atmel
|
ATTINY2313 ATTINY2313-24SJ |
8-BIT, FLASH, 24 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, LEAD FREE, PLASTIC, MS-013AC, SOIC-20 2K Bytes of In-System Self-Programmable Flash, 128 Bytes In-System Programmable EEPROM, 128 Bytes Internal SRAM. USI--Universal Serial Interface, Full Duplex UART. debugWIRE for on-chip-debug. Up to 16 MIPS throughput at 16 MHz.
|
Atmel, Corp.
|
AT90S1200 AT90S1200-12PC AT90S1200-12PI AT90S1200- |
8-bit Microcontroller with 1K Byte of In-System Programmable Flash 8-Bit Microcontroller with 1K bytes In-System Programmable Flash
|
ATMEL[ATMEL Corporation]
|
AT90LS2343-4PC AT90LS2343-4PI AT90LS2343-4SC AT90L |
8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash LED GREEN DIFFUSED LEVEL METER LED GREEN 7-ELEMENT ARRAY LED AMBER 7-ELEMENT ARRAY -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO8 LED RED 7-ELEMENT ARRAY 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
ATMEGA103 ATMEGA103-6AC ATMEGA103-6AI ATMEGA103L A |
ER 4C 4#16S SKT RECP 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP64 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 6 MHz, RISC MICROCONTROLLER, PQFP64 MS/STANDARD CYLINDRICAL MIL-C-5015 SERIES 3102E ENVIRONMENTAL RESISTING BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14S SHELL SIZE, 14S-2 INSERT ARRANGEMENT, RECEPTACLE GENDER, 4 CONTACTS ER 1C 1#16S PIN RECP BOX 8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
PSD813F3VA-70JIT PSD834F2VA-70JT PSD854F2VA-70JT P |
128K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP64 Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
|
STMicroelectronics
|
ATMEGA169P08 ATMEGA48P-20MU ATMEGA48P-20PU ATMEGA4 |
8-bit Microcontroller with 16K Bytes In-System Programmable Flash 8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
CY8C24033-24PVXI CY8C24633-24PVXI CY8C24633-24PVXI |
PSoC? Programmable System-on-Chip Programmable System-on-Chip; Voltage: 3.0V - 5.25V; GPIO: 25; Analog Blocks: 4; Digital Blocks: 4; Flash: 8KB; RAM: 256B; Temp: I; Comm: I2C, SPI, UART; Package: 28 SSOP SPECIALTY MEMORY CIRCUIT, PDSO28
|
Cypress Semiconductor, Corp.
|
XCF01S09 XCF08PVO48C XCF04SVOG20C XCF02SVOG20C XCF |
Platform Flash In-System Programmable Platform Flash In-System Programmable Configuration PROMs
|
Xilinx, Inc
|
ATMEGA2560 ATMEGA1280 ATMEGA1281 ATMEGA640 ATMEGA2 |
(ATMEGA xxx) 8-BIT Microcontroller with 256K Bytes In-System Programmable Flash 8- BIT Microcontroller with 256K Bytes In-System Programmable Flash
|
ATMEL[ATMEL Corporation]
|