PART |
Description |
Maker |
CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 C |
Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125 CMOS Quad Clocked “DLatch R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic CMOS Quad Clocked “D” Latch From old datasheet system CMOS Quad 3 State R/S Latches CMOS Quad Clocked D Latch CMOS Quad Clocked “D Latch
|
INTERSIL[Intersil Corporation]
|
MAX4605 MAX4606 MAX4605CSE MAX4605CPE MAX4605ESE M |
5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5Ω、四路、SPST、CMOS模拟开 5з, Quad, SPST, CMOS Analog Switches 5ohm, Quad, SPST, CMOS Analog Switches 5?, Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
E0C6SB32Q14 E0C6S32 |
4-Bit Microcontroller Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,Event Counter(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较事件计数器))
|
爱普生(中国)有限公
|
SM1145BDE SM1145BDS SM1145BDV SM1145BDW SM1145BDX |
CMOS with Enable/ Disable, 3rd Overtone Crystal Used CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V) 2.5 V CMOS Clock Oscillators
|
Pletronics, Inc.
|
NMC27C64 NMC27C64N200 NMC27C64Q150 NMC27C64NE200 |
65 /536-Bit (8192 x 8) CMOS EPROM IC-64K CMOS PROM 8K X 8 EEPROM 5V, 200 ns, PDIP28 65,536-Bit (8192 x 8) CMOS EPROM 64KBit (8192 x 8) CMOS EPROM [Life-time buy]
|
Fairchild Semiconductor, Corp.
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
HY628100A HY628100AG HY628100ALG HY628100ALLG HY62 |
128Kx8bit CMOS SRAM, standby current 1 mA, 70ns 128Kx8bit CMOS SRAM, standby current 1 mA, 55ns 128Kx8bit CMOS SRAM 128Kx8bit CMOS SRAM Circular Connector; No. of Contacts:3; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 128Kx8bit CMOS SRAM
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
VCXO-701-EAW-SE VCXO-701-EAW-SF VCXO-701-EAW-SK VC |
Voltage Controlled Crystal Oscillator VCXO, CLOCK, 24.704 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50.688 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 25 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 6.176 MHz, CMOS OUTPUT VCXO, CLOCK, 32 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 54 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz - 77.76 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
MCSO1FV_TBE MCSO1FV MCSO1FV_A MCSO1FV/A MCSO1FV/CE |
CRYSTAL OSCILLATOR, CLOCK, 72 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 66.3552 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.6 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 90 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60.9 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 98.304 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 78 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 65 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 58.9824 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 65.536 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50.75 MHz, CMOS OUTPUT 3.3V CMOS Oscillator Low Jitter CRYSTAL OSCILLATOR, CLOCK, 96 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.96 MHz, CMOS OUTPUT
|
Golledge Electronics, Ltd. GOLLEDGE[Golledge Electronics Ltd]
|
|