PART |
Description |
Maker |
ST8504 ST8502 ST8501 ST8503 ST6001 ST13070 ST559 S |
TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 10A I(C) | TO-204AA TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 5A I(C) | TO-204AA TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 2.5A I(C) | TO-204AA TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 5A I(C) | TO-204AA IC,COMPLEX-EEPLD,128-CELL,20nS PROP DELAY,LDCC,84PIN,PLASTIC Failsafe 2.5V/ 3.3V Zero Delay Buffer IC FLEX 10K FPGA 30K 208-RQFP IC MAX 7000 CPLD 256 208-RQFP IC FLEX 10K FPGA 50K 240-RQFP IC MCU 3K USB LS PERIPH 16-DIP Single-PLL General-Purpose EPROM Programmable Clock Generator IC, FPGA, 576 LES, PQFP208 2.5V or 3.3V,10- 220 MHz, Low Jitter, 5 Output Zero Delay Buffer 晶体管|晶体管|达林顿|叩| 350V五(巴西)总裁| 40A条一c)|04AE 晶体管|晶体管|达林顿|叩| 400V五(巴西)总裁| 40A条一c)|04AE Failsafe™ 2.5V/ 3.3V Zero Delay Buffer TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 20A I(C) | TO-204AA TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 10A I(C) | TO-204AA
|
|
Z00-24 Z00-16 Z00-4 Z00-10 Z00-6 ZE-24 ZE-04 ZE-6 |
IC,SERIAL EEPROM,NOR FLASH,CMOS,LDCC,20PIN,PLASTIC IC,EPLD, ALTERA,3256A,144TQFP IC MAX 7000 CPLD 192 160-PQFP IC MAX 7000 CPLD 256 100-TQFP IC MAX 7000 CPLD 64 84-PLCC OVERLOAD RELAY 0.4 TO 0.6A NanoPower Voltage Detectors UEBERLASTRELAIS DIL E 0.16 BIS 0.24 UEBERLASTRELAIS迪勒的位.16国际清算银行0.24 FUSE, 2AG SLO-BLO, SUBMINIATURE, GLASS BODY, 5A, 125V 过载继电070A
|
Electronic Theatre Controls, Inc. NEC, Corp.
|
YF48D12-830 YF48D15-660 YF24D12-625 YFW24D15-500 |
Cyclone II FPGA 8K TQFP-144 MAX 3000A CPLD 64 MC 44-TQFP MAX II CPLD 240 LE 100-TQFP 模拟IC STRATIX III FPGA 150K 1152BGA 模拟IC
|
Integrated Device Technology, Inc. Electronic Theatre Controls, Inc.
|
BCX76-40 BF413 BC140-25 BC537-16 MPS6573 BC328-10 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 800MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 170V V(BR)CEO | 50MA I(C) | TO-92 Stratix II GX FPGA 130K FPGA-1508 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-92 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 200MA I(C) | TO-92 IC MAX 7000 CPLD 64 44-TQFP IC FLEX 10KA FPGA Cyclone II FPGA 50K FBGA-484 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-92 2GB DDR2 SDRAM VLP DIMM MAX 7000 CPLD 128 MC 100-TQFP TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-37 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-92 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 Cyclone FPGA 6K PQFP-240 CYCLONE III FPGA 119K 484FBGA MAX 7000 CPLD 64 MC 100-TQFP MAX 3000A CPLD 32 MC 44-TQFP Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | NPN | 1A I(C) | TO-105 Dual Matched Amplifiers with Digitally Programmable Gain in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C IC MAX 7000 CPLD 128 144-TQFP MAX II CPLD 1270 LE 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:220; Package/Case:484-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Leaded Cartridge Fuse; Current Rating:12A; Voltage Rating:32V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:32V; Body Material:Glass; Diameter:6.985mm; Leaded Process Compatible:Yes; Length:32.385mm; Series:315P RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 6V V(BR)CEO | TO-18 晶体管|晶体管|进步党| 6V的五(巴西)总裁|8 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | TO-92 晶体管|晶体管|进步党| 25V的五(巴西)总裁|2 MAX 7000 CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|2 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 1A条一(c)|2 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | TO-18
|
EM Microelectronic Bourns, Inc. SEMIKRON Samsung Semiconductor Co., Ltd. California Eastern Laboratories, Inc.
|
ATF1508RE-7AU100 ATF1508RE-5AX100 |
128 MC CPLD, 3.3V ISP CPLD, 100-pin TQFP(EPLD) EE PLD, PQFP100 Highperformance CPLD
|
Atmel, Corp. ATMEL Corporation
|
LM324/D |
QUAD OP-AMP, 9000 uV OFFSET-MAX, UUC14
|
INTERSIL CORP
|
OSD15-5ST ST1MLAR ST1MLBR SP7L PTR1F CGP1.0 |
Optoelectronic 光电 MCU CMOS 8LD .5K EPRM, 0C to 70C, 8-SOIC 150mil, TUBE 光电 FPGA, FLEX 6000, 16K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6016; Logic IC function:EPF6016A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:16000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP From old datasheet system Optoelectronic - Datasheet Reference
|
Zarlink Semiconductor, Inc. NXP Semiconductors N.V. Centronic Inc, E-O Div
|
ST6041B7/XX |
IC MAX 7000 CPLD 32 44-PQFP 8位微控制
|
Advanced Micro Devices, Inc.
|
YSS241F |
MAX II CPLD 1270 LE 256-MBGA 消费性IC
|
SIEMENS AG
|
EPM706B4 EPM706B4S EPM7192E EPM7160S EPM7192S EPM7 |
IC MAX 7000 CPLD 128 84-PLCC PROGRAMMABLE LOGIC DEVICE FAMILY
|
ALTERA[Altera Corporation]
|
24C04 ST25C04 ST25C04B1TR ST25C04B3TR ST25C04B5TR |
KIT, NIOS FOR CYCLONE II; Kit contents:Nios II Development Board, Nios II IDE, Quartus II Web Edition design software, SOPC Builder system integration tool, Cables and accessories, Design examples and applications RoHS Compliant: Yes IC MAX 7000 CPLD 256 208-PQFP PowerPak; Charge, gate n-channel:27nC; Current, Idm pulse:40A; Depth, external:5.26mm; RoHS Compliant: Yes MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:80V; Case style:PowerPak SO-8; Current, Id cont:7.6A (ST2xxx) 4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection From old datasheet system 4 Kbit Serial I 2 C Bus EEPROM with User-Defined Block Write Protection 4KbitSerialI2CBusEEPROMwithUser-DefinedBlockWriteProtection
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|