PART |
Description |
Maker |
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
DPC-24-1000B20 DPC-10-1000B3 DPC-10-440B2 DPC-16-7 |
POWER TRANSFORMER, 24 VA POWER TRANSFORMER, 10 VA POWER TRANSFORMER, 4.4 VA POWER TRANSFORMER, 1.2 VA POWER TRANSFORMER, 1 VA Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP Pulse A Technitrol Company Pulse A Technitrol Comp...
|
2779H |
T1/E1 Transformer TELECOM TRANSFORMER HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformer
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
Z2603 Z2612 Z2610 Z2613 |
TRANSFORMER 6VA 2X 18V TRANSFORMER 4VA 2X 12V 12V的变压器4VA 2 TRANSFORMER 6VA 2X 24V 24V的变压器6VA TRANSFORMER 6VA 2X 12V 12V的变压器6VA 2
|
Toshiba, Corp. Lattice Semiconductor, Corp.
|
PL-12 PL-13 PL-14 PL-11 PL-34 PL-1101AS PL-33 PL-3 |
POWER TRANSFORMER, 0.75 VA POWER TRANSFORMER, 4.5 VA POWER TRANSFORMER, 1.5 VA ROHS COMPLIANT POWER TRANSFORMER, 10 VA ROHS COMPLIANT Low Power Transformers Single Primary, Input 115 Volts Dual Secondary: PL-11 thru -14, Single Secondary: PL-32 thru -34
|
VISHAY DALE Vishay Intertechnology, Inc. Vishay Siliconix
|
DA2034-AL DA2033-AL DA2032-AL DA2034-ALD DA2032-AL |
Flyback Transformers Transformer, for LT3750, 10A, SMT, RoHS SMPS TRANSFORMER Transformer, for LT3750, 3A, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
806-22-001-30-011191 |
Spring-Loaded Pin with Removable Pick and Place Cap
|
Mill-Max Mfg. Corp.
|
21MQ30A |
Suitable for automatic pick and place; Solder reflow capable
|
Mercury United Electron...
|
S553-6500-C7 |
T1/E1 Transformer Miniature HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
|
Bel Fuse Inc.
|
HA3801-AL HA3802-AL HA3803-AL HA3801-ALB HA3801-AL |
Flyback Transformers Transformer, for TI TPS23753, SMT, RoHS 10 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|