PART |
Description |
Maker |
GS820H32AQ-138I GS820H32AQ-6I GS820H32AQ-4I GS820H |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 11 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9.7 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 66MHz 18ns 64K x 32 2M synchronous burst SRAM 150MHz 9ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
CY62126V CY62126VLL-55BAC CY62126VLL-70BAI CY62126 |
64K X 16 STANDARD SRAM, 70 ns, PDSO44 64K X 16 STANDARD SRAM, 55 ns, PDSO44 64K X 16 STANDARD SRAM, 70 ns, PBGA48 64K X 16 STANDARD SRAM, 55 ns, PBGA48 From old datasheet system 64K x 16 Static RAM
|
CYPRESS SEMICONDUCTOR CORP
|
GS820322T-138 GS82032T-66 GS82032Q-150 GS82032Q-5I |
66MHz 18ns 64K x 32 2M synchronous burst SRAM PROGRAMMER UNIVERSAL 40-PIN 64K x 32 / 2M Synchronous Burst SRAM 64K x 32 2M Synchronous Burst SRAM 64K的32 200万同步突发静态存储器 PROGRAMMER UNIV W/USB 48-PIN 64K的32 200万同步突发静态存储器 .56UF/100VDC METAL POLY CAP 64K的32 200万同步突发静态存储器 64K X 32 CACHE SRAM, 11 ns, PQFP100
|
GSI Technology List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
IDT7008L20J IDT7008L20JB IDT7008L20JI IDT7008S_L I |
64K x 8 Dual-Port RAM From old datasheet system IC,SRAM,64KX8,CMOS,LDCC,84PIN,PLASTIC HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, CPGA84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 55 ns, PQCC84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology Inc Integrated Device Technology, Inc.
|
V62C2161024LL-55T V62C2161024LL-85T V62C2161024L V |
64K X 16 STANDARD SRAM, 100 ns, PDSO44 Ultra Low Power 64K x 16 CMOS SRAM 超低功4K的16 CMOS SRAM
|
MOSEL-VITELIC Mosel Vitelic Corp Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
AS7C3364NTD32-36BV.1.3 AS7C3364NTD36B-200TQIN AS7C |
32BIT 256KFLASH 8K 2KRAM 3.3V 64K x 32/36 Pipelined SRAM with NTD 64K X 36 ZBT SRAM, 4 ns, PQFP100 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1021CV33-10ZXIT CY7C1021CV33-12VIT |
1-Mbit (64K x 16) Static RAM; Density: 1 Mb; Organization: 64Kb x 16; Vcc (V): 3.0 to 3.6 V; 64K X 16 STANDARD SRAM, 10 ns, PDSO44 64K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
AS7C31026B AS7C31026B-10JCN AS7C31026B-10JI AS7C31 |
SRAM - 3.3V Fast Asynchronous Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SOIC -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SSOP -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-TSSOP -40 to 85 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SSOP -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
AS7C1026B AS7C1026B-20TIN AS7C1026B-10JC AS7C1026B |
High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 54K的16 CMOS SRAM 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-PDIP -55 to 125 High Speed CMOS Logic Triple 3-Input AND Gates 14-PDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Analog Devices, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1298A-100NC GVT7164C18 GVT7164C18Q-5 GVT7164C1 |
Memory : Sync SRAMs 64K x 18 Synchronous Burst RAM Pipelined Output 64K X 18 STANDARD SRAM, 8 ns, PQFP100 PLASTIC, TQFP-100 64K X 18 STANDARD SRAM, 6 ns, PQFP100 PLASTIC, TQFP-100
|
Cypress Semiconductor, Corp.
|
IDT71V633S11PF IDT71V633S11PFI IDT71V633S12PFI IDT |
From old datasheet system 64K x 32 3.3V Synchronous SRAM Flow-Through Outputs Burst Counter, Single Cycle Deselect 3.3V 64K x 32 Static SRAM with Flow-Through Outputs
|
IDT[Integrated Device Technology]
|
IDT707288L IDT707288L20G IDT707288L20PF IDT707288L |
HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS 64K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70
|
Integrated Device Technology, Inc. IDT
|