PART |
Description |
Maker |
LSC2617 LSC2615 LSC2604 LSC2613 LSC2606 LSC2610 LS |
DWDM 1.25 Gb/s DFB Laser Module with Integral Optical Isolator(带积分光隔离器的DWDM 1.25 Gb/s DFB激光模 密集波分复用1.25 Gb / s的光隔离器的积分DFB激光器模块(带积分光隔离器DWDM技.25 Gb / s的激光器激光模块) DWDM 1.25 Gb/s DFB Laser Module with Integral Optical Isolator(甯?Н???????ㄧ?DWDM 1.25 Gb/s DFB婵??妯″?
|
Agilent(Hewlett-Packard)
|
1754C-18-BB-FC-06 1754C-18-BB-FC-08 1754C-18-BB-SC |
1754C C-Band DWDM DFB Laser Module
|
Emcore Corporation
|
NX8563LF311-BA NX8563LB533-BA NX8563LF334-BA NX856 |
CONVERTER DC-DC 6W 48V/12V SGL NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN) 邻舍连续InGaAsP多量子阱激光器激光二极管模块的DWDM应用10毫瓦最小) NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN) 邻舍连续InGaAsP多量子阱激光器激光二极管模块的DWDM应用0毫瓦最小) CONVERTER DC-DC 6W 12V/5V SGL 邻舍连续InGaAsP多量子阱激光器激光二极管模块的DWDM应用0毫瓦最小) CONVERTER DC-DC 6W 12V/15V SGL 邻舍连续InGaAsP多量子阱激光器激光二极管模块的DWDM应用0毫瓦最小) DIODE ZENER SINGLE 200mW 39.13Vz 5mA-Izt 0.02518 0.05uA-Ir 30 SOD-323 3K/REEL TVS BI-DIR 24V 1500W DO-201
|
California Eastern Labs http:// California Eastern Laboratories, Inc.
|
NX8563LF358-BA NX8563LF318-BA NX8563LB413-BA NX856 |
NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
|
CEL[California Eastern Labs]
|
NX8562LF |
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
|
CEL[California Eastern Labs]
|
NX8564LE79 NX8564LE88 NX8566LE997-CC NX8564-AZ NX8 |
NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
|
CEL[California Eastern Labs]
|
C-13-DFB10-TJ-SLC2I C-13-DFB10-TJ-SSC2I C-13-DFB10 |
FIBER OPTIC DFB LASER MODULE EMITTER, 1295-1325nm, 10000Mbps, THROUGH HOLE MOUNT, TO-18, LC CONNECTOR 10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
|
Source Photonics, Inc.
|
DL-5300-162509 |
1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
|
Optoway Technology Inc
|
DL-5548S-S DL-5545S-S DL-5540S-S DL-5540 DL-5545S- |
1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
|
Optoway Technology Inc Optoway Technology, Inc.
|