PART |
Description |
Maker |
UPD4382322GF-A67 UPD4382362GF-A67 UPD4382162GF-A75 |
x32 Fast Synchronous SRAM x16 Fast Synchronous SRAM x18 Fast Synchronous SRAM x36 Fast Synchronous SRAM x36快速同步SRAM
|
Lumex, Inc.
|
AS7C251MFT18A AS7C251MFT18A-75TQC AS7C251MFT18A-75 |
2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 10 ns, PQFP100 High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Everlight Electronics Co., Ltd. ALSC Alliance Semiconductor Corporation
|
K7A403200B K7A403200B-QC K7A403201B K7A403201B-QC |
256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM 128Kx36/x32 & 256Kx18 Synchronous SRAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
AS7C33256PFS18B AS7C33256PFS18BV.1.7 AS7C33256PFS1 |
3.3V 256K X 18 pipeline burst synchronous SRAM 3.3 256 × 18管道爆裂同步SRAM 3.3V 256K X 18 pipeline burst synchronous SRAM 256K X 18 STANDARD SRAM, 8 ns, PQFP100 Sync SRAM - 3.3V From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C33128PFS18A-183TQI AS7C33128PFS16A-166TQI AS7C |
x18 Synchronous SRAM x18 SRAM x16 Fast Synchronous SRAM x16快速同步SRAM
|
Alliance Semiconductor, Corp. DB Lectro, Inc. Glenair, Inc.
|
A63L7332 A63L7332E-42 A63L7332E-45 A63L7332E-5 A63 |
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 4.2ns 128K x 32bit synchronous high speed SRAM 4.5ns 128K x 32bit synchronous high speed SRAM
|
AMIC Technology Corporation
|
AS7C33512FT32_36A AS7C33512FT32_36A.V1.4 AS7C33512 |
3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 512K x 32/36 Flow-through synchronous SRAM 512K X 36 STANDARD SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 39Vz 6.5mA-Izt 0.05 5uA-Ir 29.7Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 27Vz 9.5mA-Izt 0.05 5uA-Ir 20.6Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IDT71V547S100PF IDT71V547S100PFI IDT71V547S80PF ID |
From old datasheet system 128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs 3.3V 128Kx36 ZBT Synchronous Flow-Through SRAM
|
IDT[Integrated Device Technology]
|
AS7C33256PFS16A-133TQI AS7C33256PFS18A-183TQI AS7C |
x18 Fast Synchronous SRAM x18快速同步SRAM x16 Fast Synchronous SRAM x16快速同步SRAM
|
Alliance Semiconductor, Corp.
|
CYD36S18V18-167BGXC CYD36S36V18-167BGXC CYD36S36V1 |
FullFlex(TM) Synchronous SDR Dual-Port SRAM; Density: 36 Mb; Organization: 2Mb x 18; Vcc (V): 1.7 to 1.9 V; Speed: 167 MHz 2M X 18 DUAL-PORT SRAM, 4 ns, PBGA484 FullFlex(TM) Synchronous SDR Dual Port SRAM; Density: 36 Mb; Organization: 1Mb x 36; Vcc (V): 1.7 to 1.9 V; Speed: 167 MHz 1M X 36 DUAL-PORT SRAM, 4 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 1M X 36 DUAL-PORT SRAM, 3.3 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 256K X 72 DUAL-PORT SRAM, 3.3 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 18 DUAL-PORT SRAM, 4 ns, PBGA256 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 18 DUAL-PORT SRAM, 3.3 ns, PBGA256 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 72 DUAL-PORT SRAM, 3.3 ns, PBGA484
|
Cypress Semiconductor, Corp.
|